Electronic Components Datasheet Search
  English  ▼

X  

RT8577 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8577 Datasheet HTML 1Page - Richtek Technology Corporation RT8577 Datasheet HTML 2Page - Richtek Technology Corporation RT8577 Datasheet HTML 3Page - Richtek Technology Corporation RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DS8577-00 November 2011
www.richtek.com
RT8577
Electrical Characteristics
(VCC = 12V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC, STATUS ------------------------------------------------------------------------------------------ 33V
LED1 to LED4 --------------------------------------------------------------------------------------------------------------- 50V
PWM, EN, DRV, SEN, SS, VC, RT, CREG, OVP/UVP, RISET ------------------------------------------------- 5.5V
Power Dissipation, PD @ TA = 25
°C
WQFN-20L 5x5 ------------------------------------------------------------------------------------------------------------- 2.778W
Package Thermal Resistance (Note 2)
WQFN-20L 5x5,
θJA -------------------------------------------------------------------------------------------------------- 36°C/W
WQFN-20L 5x5,
θJC ------------------------------------------------------------------------------------------------------- 6°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Voltage, VCC ------------------------------------------------------------------------------------------------------- 9V to 28V
LED1 to LED4 --------------------------------------------------------------------------------------------------------------- 45V
ILED1 to ILED4 ----------------------------------------------------------------------------------------------------------------- 10mA to 200mA
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
Supply Current
IVCC
Switching Off
--
5
--
mA
Shutdown Current
ISHDN
VEN < 0.7V
--
--
10
μA
VDD LDO Output
VCREG
--
5
--
V
VDD LDO Capability
ICREG
30
--
--
mA
VCC Rising
--
6.7
8
VCC UVLO Threshold
VUVLO
Hysteresis
--
1.4
--
V
Logic-High
VENH
1.5
--
--
EN Threshold
Voltage
Logic-Low
VENL
--
--
0.8
V
LED Current Programming
LED Current Accuracy
RISET = 9.1kΩ, VPWM > 1.2V
114
120
126
mA
LED Current Matching
RISET = 9.1kΩ, VPWM > 1.2V
LEDx
LED_AVE
LED_AVE
II
100%
I
−
×
--
±1.5
±3
%
LED1 to LED4 Regulation Voltage
ILED = 200mA
--
0.6
--
V
VLED Threshold
No Connection
--
0.1
--
V
RISET Pin Voltage
--
1.2
--
V
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com