Electronic Components Datasheet Search
  English  ▼

X  

RT8577 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation RT8577 Datasheet HTML 10Page - Richtek Technology Corporation RT8577 Datasheet HTML 11Page - Richtek Technology Corporation RT8577 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
DS8577-00 November 2011
www.richtek.com
RT8577
×
≅
9
SW
RT
21.6 10
f100k +
R
SENSE
0.5V
Current Limit (A)
R
≅
Current Limit Protection
The RT8577 can sense the RSENSE voltage between the
SEN pin and GND to achieve over current protection. The
boost converter senses the inductor current during the on
period. The duty cycle depends on the current signal and
internal slope compensation compared with the error
signal. The external switch will be turned off when the
current signal is larger than the internal slope
compensation. In the off period, the inductor current will
decrease until the internal switch is turned on by the
oscillator. The current limit value can be calculated by the
following equation :
Brightness Control
The RT8577 features a digital dimming control scheme. A
very high contrast ratio true digital PWM dimming is
achieved by driving the PWM pin with a PWM signal. The
recommended PWM frequency is 200Hz to 10kHz, but
the LED current cannot be 100% proportional to duty cycle,
especially for high frequency and low duty ratio.
Over Temperature Protection
The RT8577 has over temperature protection function to
prevent the IC from overheating due to excessive power
dissipation. The IC will shut down and the STATUS pin
will be pulled high when junction temperature exceeds
150
°C. Main converter starts switching after junction
temperature cools down by approximately 20
°C.
Inductor Selection
The value of the inductance, L, can be approximated by
the following equation, where the transition is from
Discontinuous Conduction Mode (DCM) to Continuous
Conduction Mode (CCM) :
The duty cycle can be calculated as the following
equation :
where VOUT is the maximum output voltage, VIN is the
minimum input voltage, f is the operating frequency, and
IOUT is the sum of current from all LED strings.
The boost converter operates in DCM over the entire input
voltage range when the inductor value is less than this
value, L. With an inductance greater than L, the converter
operates in CCM at the minimum input voltage and may
be discontinuous at higher voltages.
The inductor must be selected with a saturated current
rating that is greater than the peak current as provided by
the following equation :
where
η is the efficiency of the power converter.
Diode Selection
Schottky diodes are recommended for most applications
because of their fast recovery time and low forward voltage.
Power dissipation, reverse voltage rating, and pulsating
peak current are important parameters for consideration
when making a Schottky diode selection. Make sure that
the diode's peak current rating exceeds IPEAK and reverse
voltage rating exceeds the maximum output voltage.
Capacitor Selection
The input capacitor reduces current spikes from the input
supply and minimizes noise injection to the converter. For
general applications, six 4.7
μF ceramic capacitors are
sufficient. A value higher or lower may be used depending
on the noise level from the input supply and the input
current to the converter.
It is recommended to choose a ceramic capacitor based
on the output voltage ripple requirements. The minimum
value of the output capacitor, COUT, can be calculated by
the following equation :
()
×−
×
××
2
OUT
OUT
D1 D
V
L =
2f I
−
OUT
IN
OUT
VV
D =
V
×
××
+
××
OUT
OUT
IN
PEAK
IN
VI
VD T
I
=
η V2 L
Setting the Switching Frequency
The RT8577 switching frequency is programmable from
100kHz to 1MHz by adjusting the oscillator resistor, RRT.
The switching frequency can be calculated by the following
equation :
×
Δ×
OUT
OUT
OUT
ID
C
=
Vf
where
ΔVOUT is the peak-to-peak ripple voltage at the
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com