Electronic Components Datasheet Search
  English  ▼

X  

RT8577 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation RT8577 Datasheet HTML 10Page - Richtek Technology Corporation RT8577 Datasheet HTML 11Page - Richtek Technology Corporation RT8577 Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
DS8577-00 November 2011
www.richtek.com
RT8577
Figure 3. Derating Curve for RT8577 Packages
Layout Considerations
Careful PCB layout is very important for designing
switching power converter circuits. The following layout
guidelines should be strictly followed for best performance
of the RT8577.
The power components L1,D1, CIN, COUT must be placed
as close as possible to the IC to reduce current loop.
The PCB trace between power components must be as
short and wide as possible.
The compensation circuit should be kept away from
the power loops and shielded with a ground trace to
prevent any noise coupling. Place the compensation
components, RC and CC, as close as possible to pin 9.
The exposed pad of the chip should be connected to
ground plane for thermal consideration.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ (MAX)
− TA) / θJA
where TJ (MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications of
RT8577, the maximum junction temperature is 125
°C and
TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For WQFN-
20L 5x5 packages, the thermal resistance,
θJA, is 36°C/
W on a standard JEDEC 51-7 four-layer thermal test board.
The maximum power dissipation at TA = 25
°C can be
calculated by the following formula :
PD(MAX) = (125
°C − 25°C / (36°C/W) = 2.778W for
WQFN-20L 5x5 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. For RT8577 package, the derating curve
in Figure 3 allows the designer to see the effect of rising
ambient temperature on the maximum power dissipation.
0.00
0.40
0.80
1.20
1.60
2.00
2.40
2.80
3.20
025
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com