Electronic Components Datasheet Search
  English  ▼

X  

RT8577 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8577
Description  High Voltage 4-CH LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8577 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8577 Datasheet HTML 2Page - Richtek Technology Corporation RT8577 Datasheet HTML 3Page - Richtek Technology Corporation RT8577 Datasheet HTML 4Page - Richtek Technology Corporation RT8577 Datasheet HTML 5Page - Richtek Technology Corporation RT8577 Datasheet HTML 6Page - Richtek Technology Corporation RT8577 Datasheet HTML 7Page - Richtek Technology Corporation RT8577 Datasheet HTML 8Page - Richtek Technology Corporation RT8577 Datasheet HTML 9Page - Richtek Technology Corporation RT8577 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DS8577-00 November 2011
www.richtek.com
RT8577
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Dimming
Logic-High
VPWMH
1.2
--
--
PWM Threshold
Voltage
Logic-Low
VPWML
--
--
0.35
V
PWM Boost Controller
RRT = 24kΩ
--
1
--
MHz
Switching Frequency
fSW
RRT = Open
--
100
--
kHz
Minimum On Time
tON
--
100
--
ns
Maximum Duty Cycle
Dmax
80
--
--
%
SEN Current Sense Limit
Input Current Limit
--
0.5
--
V
Gate Driver Source
--
2.5
--
A
Gate Driver Sink
--
3
--
A
OVP, UVP, SCP, OTP and Soft-Start
OVP Threshold
VOVP
--
1.2
--
V
UVP Threshold
VUVP
--
0.6
--
V
SCP Threshold
VSCP
LED1 to LED4
--
4.3
--
V
Soft-Start Current
ISS
VSS < 2.5V
--
6
--
μA
Thermal Shutdown Temperature
TSD
Lockout Temperature Point
--
150
--
°C
Thermal Shutdown Hysteresis
ΔTSD
Resume Temperature Point
--
20
--
°C
STATUS Low Voltage
VSTATUS
Open Drain at 10mA
--
--
0.5
V
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a high-effective thermal conductivity four-layer test board of JEDEC
51-7 thermal measurement standard. The measurement case position of
θJC is on the exposed pad of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com