Electronic Components Datasheet Search
  English  ▼

X  

IR3553MPBF Datasheet(PDF) 16 Page - International Rectifier

Part # IR3553MPBF
Description  40A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553MPBF Datasheet(HTML) 16 Page - International Rectifier

Back Button IR3553MPBF Datasheet HTML 12Page - International Rectifier IR3553MPBF Datasheet HTML 13Page - International Rectifier IR3553MPBF Datasheet HTML 14Page - International Rectifier IR3553MPBF Datasheet HTML 15Page - International Rectifier IR3553MPBF Datasheet HTML 16Page - International Rectifier IR3553MPBF Datasheet HTML 17Page - International Rectifier IR3553MPBF Datasheet HTML 18Page - International Rectifier IR3553MPBF Datasheet HTML 19Page - International Rectifier IR3553MPBF Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
16
IR3553
40A Integrated PowIRstage® 
If  any  of  the  application  condition,  i.e.  input  voltage, 
output  voltage,  switching  frequency,  VCC  MOSFET  driver 
voltage or inductance, is different from those of Figure 8, a 
set  of  normalized  power  loss  curves  should  be  used. 
Obtain the normalizing factors from Figure 10 to Figure 14 
for  the  new  application  conditions;  multiply  these  factors 
by the power loss obtained from Figure 8 for the required 
load current. 
As  an  example,  the  power  loss  calculation  procedures 
under  different  conditions,  VIN=10V,  VOUT=1V,  ƒSW  = 
300kHz,  VCC=5V,  L=210nH,  VCC=5V,  IOUT=30A,  TAMBIENT  = 
25°C, no heat sink, and no air flow, are as follows. 
1) Determine  the  power  loss  at  30A  under  the  default 
test  conditions  of  VIN=12V,  VOUT=1.2V,  ƒSW  =  400kHz, 
L=150nH, VCC=7V, TAMBIENT = 25°C, no heat sink, and no 
air flow. It is 4.7W from Figure 8. 
2) Determine  the  input  voltage  normalizing  factor  with 
VIN=10V,  which  is  1.02  based  on  the  dashed  lines  in 
Figure 10. 
3) Determine the output voltage normalizing factor with 
VOUT=1V,  which  is  0.90  based  on  the  dashed  lines  in 
Figure 11. 
4) Determine the switching frequency normalizing factor 
with ƒSW = 300kHz, which is 0.99 based on the dashed 
lines in Figure 12. 
5) Determine the VCC MOSFET drive voltage normalizing 
factor with VCC=5V, which is 1.18 based on the dashed 
lines in Figure 13. 
6) Determine  the  inductance  normalizing  factor  with 
L=210nH,  which  is  0.94  based  on  the  dashed  lines  in 
Figure 14.  
7) Multiply  the  power  loss  under  the  default  conditions 
by  the  five  normalizing  factors  to  obtain  the  power 
loss under the new conditions, which is 4.7W x 1.02 x 
0.90 x 0.99 x 1.18 x 0.94 = 4.74W. 
SAFE OPERATING AREA 
Figure  9  shows  the  IR3553  safe  operating  area  with  the 
case  temperature  controlled  at  or  below  125°C.  The  test 
conditions  are  VIN=12V,  VOUT=1.2V,  ƒSW=400kHz,  L=150nH 
(0.29mΩ), VCC=7V, TAMBIENT = 0°C to 90°C, no heat sink, and 
Airflow = 0LFM / 100LFM / 200LFM / 400LFM. 
If  any  of  the  application  condition,  i.e.  input  voltage, 
output  voltage,  switching  frequency,  VCC  MOSFET  driver 
voltage, or inductance is different from those of Figure 9, a 
set of IR3553 case temperature adjustment curves should 
be used. Obtain the temperature deltas from Figure 10 to 
Figure  14  for  the  new  application  conditions;  sum  these 
deltas  and  then  subtract  from  the  IR3553  case 
temperature obtained from Figure 9 for the required load 
current. 
8) From  Figure  9,  determine  the  highest  ambient 
temperature  at  the  required  load  current  under  the 
default  conditions,  which  is  66°C  at  30A  with  0LFM 
airflow and the IR3553 case temperature of 125°C.  
9) Determine the case temperature with VIN=10V, which 
is +0.6° based on the dashed lines in Figure 10. 
10) Determine the case temperature with VOUT=1V, which 
is ‐3.0° based on the dashed lines in Figure 11. 
11) Determine  the  case  temperature  with  ƒSW  =  300kHz, 
which is ‐0.4° based on the dashed lines in Figure 12. 
12) Determine the case temperature with VCC = 5V, which 
is +5.4° based on the dashed lines in Figure 13. 
13) Determine the case temperature with L=210nH, which 
is ‐1.8° based on the dashed lines in Figure 14.  
14) Sum the case temperature adjustment from 9) to 13),    
+0.6° ‐3.0° ‐0.4°  +5.4° ‐1.8°  =  +0.8°.  Deduct  the  delta 
from the highest ambient temperature in step 8), 66°C 
– (+0.8°C) = 65.2°C. 
INDUCTOR  CURRENT  SENSING  CAPACITOR  CCS 
AND RESISTOR RCS 
If the IR3553 is used with inductor DCR sensing, care must 
be  taken  in  the  printed  circuit  board  layout  to  make  a 
Kelvin  connection  across  the  inductor  DCR.  The  DC 
resistance of the inductor is utilized to sense the inductor 
current. Usually the resistor RCS and capacitor CCS in parallel 
with the inductor are chosen to match the time constant of 
the  inductor,  and  therefore  the  voltage  across  the 
capacitor CCS represents the inductor current.  
Measure  the  inductance  L  and  the  inductor  DC  resistance 
RL. Pre‐select the capacitor CCS and calculate RCS as follows. 
CS
L
CS
C
R
L
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com