Electronic Components Datasheet Search
  English  ▼

X  

IR3553MPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3553MPBF
Description  40A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553MPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3553MPBF Datasheet HTML 9Page - International Rectifier IR3553MPBF Datasheet HTML 10Page - International Rectifier IR3553MPBF Datasheet HTML 11Page - International Rectifier IR3553MPBF Datasheet HTML 12Page - International Rectifier IR3553MPBF Datasheet HTML 13Page - International Rectifier IR3553MPBF Datasheet HTML 14Page - International Rectifier IR3553MPBF Datasheet HTML 15Page - International Rectifier IR3553MPBF Datasheet HTML 16Page - International Rectifier IR3553MPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
13
IR3553
40A Integrated PowIRstage® 
THEORY OF OPERATION 
DESCRIPTION 
The IR3553 PowIRstage® is a synchronous buck driver with 
co‐packed MOSFETs with integrated Schottky diode, which 
provides  system  designers  with  ease  of  use  and  flexibility 
required  in  cutting  edge  CPU,  GPU  and  DDR  memory 
power  delivery  designs  and other  high‐current  low‐profile 
applications.   
The  IR3553  is  designed  to  work  with  a  PWM  controller.  
It incorporates a continuously self‐calibrated current sense 
amplifier,  optimized  for  use  with  inductor  DCR  sensing.  
The current sense amplifier provides signal gain and noise 
immunity,  supplying  multiphase  systems  with  a  superior 
design toolbox for programmed impedance designs.  
The  IR3553  provides  a  phase  fault  signal  capable  
of  detecting  open  or  shorted  MOSFETs,  or  an  over‐
temperature condition in the vicinity of the power stage. 
The  IR3553  accepts  an  active  low  Body‐Braking®  input 
which  disables  both  MOSFETs  to  enhance  transient 
performance or provide a high impedance output. 
The IR3553 provides diode emulation feature which avoids 
negative current in the synchronous MOSFET and improves 
light load efficiency. 
The IR3553 PWM input is compatible with 3.3V logic signal 
and 7V tolerant. It accepts 3‐level PWM input signals with 
tri‐state. 
PWM TRI‐STATE INPUT 
The  IR3553  PWM  accepts  3‐level  input  signals.  When  
PWM input is high, the synchronous MOSFET is turned off 
and the control MOSFET is turned on. When PWM input is 
low,  control  MOSFET  is  turned  off  and  synchronous 
MOSFET is turned on. Figures 16‐18 show the PWM input 
and  the  corresponding  SW  and  GATEL  output  of  the 
IR3553. If PWM pin is floated , the built‐in resistors pull the 
PWM pin into a tri‐state region centered around 1.65V.  
When PWM input is in tri‐state, two operation modes can 
be selected by controlling BBRK# input. If the BBRK# input 
is  always  high,  the  default  operation  mode  is  Body‐ 
Braking®, in which both MOSFETs will be turned off when 
the PWM input is in tri‐state. If the BBRK# input has been 
pulled low for at least 20ns after the VCC passes its UVLO 
threshold  during  power  up,  the  diode  emulation  mode  is 
set.  PWM  input  in  tri‐state  will  activate  a  synchronous 
diode  emulation  feature  allowing  designers  to  maximize 
system  efficiency  at  light  loads  without  compromising 
transient performance. 
BODY‐BRAKING® MODE  
International Rectifier’s Body‐Braking® is a operation mode 
in  which  two  MOSFETs  are  turned  off.  When  the 
synchronous  MOSFET  is  off,  the  higher  voltage  across  the 
Shottky  diode  in  parallel  helps  discharging  the  inductor 
current  faster,  which  reduces  the  output  voltage 
overshoot.  The  Body‐Braking®  can  be  used  either  to 
enhance  transient  response  of  the  converter  after  load 
release or to provide a high impedance output.  
There  are  two  ways  to place  the  IR3553  in  Body‐Braking® 
mode, either controlling the BBRK# pin directly or through 
a  PWM  tri‐state  signal.  Both  control  signals  are  usually 
from the PWM controller. 
Pulling  BBRK#  low  forces  the  IR3553  into  Body‐Braking® 
mode  rapidly, which  is  usually  used  to  enhance converter 
transient  response  after  load  release,  as  shown  in  Figure 
19.  Releasing  BBRK#  forces  the  IR3553  out  of  Body‐ 
Braking® mode quickly.  
The BBRK# low turns off both MOSFETs and therefore can 
also be used to disable/enable a converter. 
If  the  BBRK#  input  is  always  high,  the  Body‐Braking®  is 
activated when the PWM input enters the tri‐state region, 
as shown in Figures 20 and 21. Comparing to pulling down 
the  BBRK#  pin  directly,  the  Body‐Braking®  response  to 
PWM  tri‐state  signal  is  slower  due  to  the  hold‐off  time 
created  by  the  PWM  pin  parasitic  capacitor  with  the  pull‐
up  and  pull‐down  resistors  of  PWM  pin.  For  better 
performance, no more than 100pF parasitic capacitive load 
should be present on the PWM line of IR3553.  
SYNCHRONOUS DIODE EMULATION MODE 
An  additional  feature  of  the  IR3553  is  the  synchronous 
diode  emulation  mode.  This  function  enables  increased 
efficiency  by  preventing  negative  inductor  current  from 
flowing in the synchronous MOSFET.  
As shown in Figure 22, when the PWM input enters the tri‐
state region the control MOSFET is turned off first, and the 
synchronous  MOSFET  is  initially  turned  on  and  then  is 
turned  off  when  the  output  current  reaches  zero.  If  the 
sensed  output  current  does  not  reach  zero  within  a  set 
amount of time the gate driver will assume that the output 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com