Electronic Components Datasheet Search
  English  ▼

X  

IR3553MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3553MPBF
Description  40A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3553MPBF Datasheet HTML 3Page - International Rectifier IR3553MPBF Datasheet HTML 4Page - International Rectifier IR3553MPBF Datasheet HTML 5Page - International Rectifier IR3553MPBF Datasheet HTML 6Page - International Rectifier IR3553MPBF Datasheet HTML 7Page - International Rectifier IR3553MPBF Datasheet HTML 8Page - International Rectifier IR3553MPBF Datasheet HTML 9Page - International Rectifier IR3553MPBF Datasheet HTML 10Page - International Rectifier IR3553MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
7
IR3553
40A Integrated PowIRstage® 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Slew Rate  SR   
 
6  
V/µs 
Differential Input Range  VD_IN 
0.8V ≤ V(REFIN) ≤ 2.25V,  
‐10  
25 
mV 
Common Mode Input Range  VC_IN 
 
0  
VCC‐
2.5 
V 
Output Impedance (IOUT)  RCS_OUT 
  
 
62 
200 Ω 
IOUT Sink Current  ICS_SINK 
Driving external 3 kΩ 
0.5 
0.8 
1.1 
mA 
Diode Emulation Mode Comparator  
Input Offset Voltage  VIN_OFFSET 
Note 1  ‐12 ‐3  
3 
mV 
Leading Edge Blanking Time  tBLANK 
V(GATEL)>1V Starts Timer  50 
150 
200 
ns 
Negative Current Time‐Out  tNC_TOUT 
PWM = Tri‐State,  
V(SW) ≤  ‐10mV 
12 
28 
46 
µs 
Digital Input – BBRK#   
Input voltage high 
 VBBRK#_IH 
  
2.0 
  
  
V 
Input voltage low 
 VBBRK#_IL 
  
  
  
0.8 
V 
Internal Pull Up Resistance  RBBRK#_PULLUP 
VCC > UVLO 
69 
200  
338 
kΩ 
Internal Pull Up Voltage  VBBRK#_PULLUP 
VCC > UVLO  
3.3  
V 
Digital Output – PHSFLT# 
Output voltage high 
VPHASFLT#_OH  
 
 
VCC 
V 
Output voltage low 
VPHASFLT#_OL 
4mA  
150 
300 
mV 
Input current 
IPHASFLT#_IN 
V(PHSFLT#) = 5.5V  
0 
1 
µA 
Phase Fault Detection 
Control MOSFET Short Threshold 
VCM_SHORT 
Measure from SW to PGND  
3.3  
V 
Synchronous MOSFET Short Threshold 
VSM_SHORT 
Measure from SW to PGND 
150 
200 
250 
mV 
Synchronous MOSFET Open Threshold 
VSM_OPEN 
Measure from SW to PGND ‐250 ‐200 ‐150 
mV 
Propagation Delay 
tPROP 
PWM High to Low Cycles  
15  
Cycle 
Thermal Flag  
Rising Threshold  TRISE 
PHSFLT# Drives Low,  
Note 1 
 
160  
°C 
Falling Threshold 
TFALL 
Note 1  
135  
°C 
Bootstrap Diode  
Forward Voltage  VFWD 
I(BOOST) = 30mA, VCC = 
6.8V 
 
 
360 
 520 
 920 
 mV 
VCC Under Voltage Lockout 
Start Threshold  VVCC_START 
  3.3 
3.7 
4.1 
V 
Stop Threshold 
 VVCC_STOP 
 
3.0 
3.4 
3.8 
V 
Hysteresis  VVCC_HYS 
 
0.2 
0.3  
0.4 
V 
General  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com