Electronic Components Datasheet Search
  English  ▼

X  

IR3553MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR3553MPBF
Description  40A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553MPBF Datasheet(HTML) 3 Page - International Rectifier

  IR3553MPBF Datasheet HTML 1Page - International Rectifier IR3553MPBF Datasheet HTML 2Page - International Rectifier IR3553MPBF Datasheet HTML 3Page - International Rectifier IR3553MPBF Datasheet HTML 4Page - International Rectifier IR3553MPBF Datasheet HTML 5Page - International Rectifier IR3553MPBF Datasheet HTML 6Page - International Rectifier IR3553MPBF Datasheet HTML 7Page - International Rectifier IR3553MPBF Datasheet HTML 8Page - International Rectifier IR3553MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
3
IR3553
40A Integrated PowIRstage® 
TYPICAL APPLICATION DIAGRAM (CONTINUED) 
SW
PWM
VIN
PGND
Gate 
Drivers 
and 
Current
Sense 
Amplifier
IOUT
VCC
PHSFLT#
VCC
BOOST
VIN
PWM
REFIN
PHSFLT#
BBRK#
BBRK#
CS+
LGND
CSIN‐
CSIN+
IR3553
4.5V to 7V
4.5V to 15V
C2
10uF x 2
C5
0.22uF
C3
0.1uF
R1
10k
C4
0.22uF
R2
2.49k
L1
150nH
3
14‐16
17
18
19
20
21
23
22
12
12, 13
6‐11
C1
0.1uF
PGND 4
24
TGND
No Connect
CS‐
VOUT
C7
470uF
C6
22uF
 
 
Figure 5: Application Circuit without Current Sense Amplifier 
 
FUNCTIONAL BLOCK DIAGRAM 
PWM
6
7
8
9
10
11
14
15
16
VIN
VIN
VIN
SW
SW
SW
SW
SW
SW
1
4
12
13
CSIN‐
PGND
PGND
PGND
17
BOOST
Power‐on 
Reset 
(POR),
3.3V 
Reference,
and 
Dead‐time 
Control
19
IOUT
23
VCC
3
BBRK#
20
25
5
GATEL GATEL
Driver
Driver
18
PHSFLT#
2
CSIN+
21
LGND
22
REFIN
Current Sense 
Amplifier
MOSFET
& Thermal 
Detection
S     Q
R
POR
3.3V
VCC
‐
+
3.3V
24
TGND
 
Figure 6: IR3553 Functional Block Diagram 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com