Electronic Components Datasheet Search
  English  ▼

X  

RT9715CGF Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9715CGF
Description  90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715CGF Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9715CGF Datasheet HTML 3Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 9Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 10Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT9715
7
DS9715-03 April 2011
www.richtek.com
FLG Response
Time (2.5ms/Div)
VOUT
(2V/Div)
EN
(5V/Div)
IIN
(1A/Div)
VIN = 5V, RLOAD = 0.5
Ω
FLG
(5V/Div)
Power On from EN
Time (100us/Div)
EN
(5V/Div)
VOUT
(2V/Div)
IIN
(1A/Div)
VIN = 5V, RLOAD = 2.7
Ω
Power Off from VIN
Time (25ms/Div)
VOUT
(2V/Div)
VIN
(2V/Div)
EN = 0V, No Load
FLG Delay Time vs. Temperature
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature
VIN = 5V
(
°C)
FLG Delay Time vs. Input Voltage
4
5
6
7
8
9
10
11
12
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Power On from VIN
Time (25ms/Div)
VOUT
(2V/Div)
VIN
(2V/Div)
EN = 0V, No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com