Electronic Components Datasheet Search
  English  ▼

X  

RT9715CGF Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9715CGF
Description  90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715CGF Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9715CGF Datasheet HTML 1Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 2Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 3Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9715
3
DS9715-03 April 2011
www.richtek.com
Electrical Characteristics
To be continued
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------------- 2.7V to 5.5V
EN Voltage -------------------------------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 100°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------------- 6V
EN Voltage --------------------------------------------------------------------------------------------------------------
−0.3V to 6V
FLAG Voltage ---------------------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 300mW
SOP-8 -------------------------------------------------------------------------------------------------------------------- 469mW
MSOP-8 ----------------------------------------------------------------------------------------------------------------- 469mW
WDFN-8L 3x3 ---------------------------------------------------------------------------------------------------------- 694mW
Package Thermal Resistance (Note 2)
SOT-23-5,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
MSOP-8,
θJA------------------------------------------------------------------------------------------------------------ 160°C/W
WDFN-8L 3x3,
θJA ----------------------------------------------------------------------------------------------------- 108°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
(VIN = 5V, CIN = 1uF, COUT = 10uF, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Quiescent Current
IQ
Switch On, VOUT = Open
--
50
70
Input Shutdown Current
ISHDN
Switch Off, VOUT = Open
--
0.1
1
uA
RT9715A/B
VIN = 5V, IOUT = 1.5A
--
90
110
RT9715C/D
VIN = 5V, IOUT =1.3A
--
90
110
RT9715E/F
VIN = 5V, IOUT = 1A
--
90
110
Switch On
Resistance
RT9715G/H
RDS(ON)
VIN = 5V, IOUT = 0.6A
--
90
110
m
Ω
RT9715A/B
2
2.5
3.2
RT9715C/D
1.5
2
2.8
RT9715E/F
1.1
1.5
2.1
Current
Limit
RT9715G/H
ILIM
VOUT = 4V
0.7
1
1.4
A
RT9715A/B
--
1.7
--
RT9715C/D
--
1.4
--
RT9715E/F
--
1
--
Short
Current
RT9715G/H
ISC_FB
VOUT = 0V, Measured Prior to
Thermal Shutdown
--
0.7
--
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com