Electronic Components Datasheet Search
  English  ▼

X  

RT9715CGF Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9715CGF
Description  90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715CGF Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9715CGF Datasheet HTML 1Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 2Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 3Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715CGF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9715
1
DS9715-03 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
90m
Ω
Ω
Ω
Ω
Ω, 2A/1.5A/1.1A/0.7A High-Side Power Switches
with Flag
General Description
The RT9715 is a cost-effective, low-voltage, single
N-MOSFET high-side Power Switch IC for USB application.
Low switch-on resistance (typ. 90m
Ω) and low supply
current (typ. 50uA) are realized in this IC.
The RT9715 integrates an over-current protection circuit,
a short fold back circuit, a thermal shutdown circuit and an
under-voltage lockout circuit for overall protection. Besides,
a flag output is available to indicate fault conditions to the
local USB controller. Furthermore, the chip also integrates
an embedded delay function to prevent miss-operation from
happening due to inrush-current. The RT9715 is an ideal
solution for USB power supply and can support flexible
applications since it is available in various packages such
as SOT-23-5, SOP-8, MSOP-8 and WDFN-8L 3x3.
Applications
USB Peripherals
Notebook PCs
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Features
90m
Ω
Ω
Ω
Ω
Ω (typ.) N-MOSFET Switch
Operating Range : 2.7V to 5.5V
Reverse Blocking Current
Under Voltage Lockout
Deglitched Fault Report (FLG)
Thermal Protection with Foldback
Over Current Protection
Short Circuit Protection
UL Approved
−−−−−E219878
Nemko Approved
−−−−−NO49621
RoHS Compliant and Halogen Free
Pin Configurations
(TOP VIEW)
WDFN-8L 3x3
GND
VIN
VOUT
VOUT
VOUT
VIN
7
6
5
1
2
3
4
8
EN/EN
FLG
9
SOP-8/MSOP-8
GND
VIN
VIN
VOUT
VOUT
VOUT
2
3
4
5
8
7
6
EN/EN
FLG
SOT-23-5 (R-Type)
GND
VOUT
4
23
5
EN/EN
FLG
VIN
SOT-23-5 (G-Type)
VOUT GND
VIN
4
23
5
EN/EN
NC
SOT-23-5
VOUT GND
VIN
4
23
5
FLG
EN/EN
Package Type
B : SOT-23-5
BG : SOT-23-5 (G-Type)
BR : SOT-23-5 (R-Type)
S : SOP-8
F : MSOP-8
QW : WDFN-8L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9715
Output Current/EN Function
A : 2A/Active High
B : 2A/Active Low
C : 1.5A/Active High
D : 1.5A/Active Low
E : 1.1A/Active High
F : 1.1A/Active Low
G : 0.7A/Active High
H : 0.7A/Active Low


Similar Part No. - RT9715CGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715CGF RICHTEK-RT9715CGF Datasheet
338Kb / 15P
Operating Range : 2.7V to 5.5V, Reverse Blocking Current
RT9715CGF RICHTEK-RT9715CGF Datasheet
240Kb / 12P
Reverse Blocking Current
More results

Similar Description - RT9715CGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_11 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
90m(ohm), 1.5A High-Side Power Switches with Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com