Electronic Components Datasheet Search
  English  ▼

X  

RT9367C Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9367C
Description  I2C Programmable White LED Driver with Dual LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9367C Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9367C Datasheet HTML 8Page - Richtek Technology Corporation RT9367C Datasheet HTML 9Page - Richtek Technology Corporation RT9367C Datasheet HTML 10Page - Richtek Technology Corporation RT9367C Datasheet HTML 11Page - Richtek Technology Corporation RT9367C Datasheet HTML 12Page - Richtek Technology Corporation RT9367C Datasheet HTML 13Page - Richtek Technology Corporation RT9367C Datasheet HTML 14Page - Richtek Technology Corporation RT9367C Datasheet HTML 15Page - Richtek Technology Corporation RT9367C Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
RT9367C
12
DS9367C-01 March 2011
www.richtek.com
VIN = 4V to 5V, VLDO1 = VLDO2 = 3.3V
LDO Line Transient Response
VIN
(V)
Time (250
μs/Div)
VLDO2
(10mV/Div)
5
4
VLDO1
(10mV/Div)
IOUT1 = IOUT2 = 1mA
IOUT1 = IOUT2 = 10mA to 50mA
VIN = 5V, VLDO1 = VLDO2 = 3.3V
LDO Load Transient Response
IOUT
(50mA/Div)
Time (250
μs/Div)
VLDO2
(20mV/Div)
VLDO1
(20mV/Div)
LDO Line Transient Response
VIN
(V)
Time (250
μs/Div)
VLDO2
(10mV/Div)
5
4
VLDO1
(10mV/Div)
VIN = 4V to 5V, VLDO1 = VLDO2 = 3.3V
IOUT1 = IOUT2 = 10mA
LDO2 PSRR
-100
-80
-60
-40
-20
0
20
10
100
1000
10000
100000
1000000
Frequency (Hz)
Load = 0mA
Load = 1mA
Load = 10mA
Load = 100mA
VLDO2 = 3.3V
0.01
0.1
1
10
100
1000
(kHz)
LDO1 PSRR
-100
-80
-60
-40
-20
0
20
10
100
1000
10000
100000
1000000
Frequency (Hz)
Load = 0mA
Load = 1mA
Load = 10mA
Load = 100mA
VLDO1 = 3.3V
0.01
0.1
1
10
100
1000
(kHz)
IOUT1 = IOUT2 = 10mA to 150mA
VIN = 5V, VLDO1 = VLDO2 = 3.3V
LDO Load Transient Response
IOUT
(100mA/Div)
Time (250
μs/Div)
VLDO2
(50mV/Div)
VLDO1
(50mV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com