Electronic Components Datasheet Search
  English  ▼

X  

RT9367C Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT9367C
Description  I2C Programmable White LED Driver with Dual LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9367C Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT9367C Datasheet HTML 10Page - Richtek Technology Corporation RT9367C Datasheet HTML 11Page - Richtek Technology Corporation RT9367C Datasheet HTML 12Page - Richtek Technology Corporation RT9367C Datasheet HTML 13Page - Richtek Technology Corporation RT9367C Datasheet HTML 14Page - Richtek Technology Corporation RT9367C Datasheet HTML 15Page - Richtek Technology Corporation RT9367C Datasheet HTML 16Page - Richtek Technology Corporation RT9367C Datasheet HTML 17Page - Richtek Technology Corporation RT9367C Datasheet HTML 18Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
RT9367C
16
DS9367C-01 March 2011
www.richtek.com
Figure 8. illustrates the dual LDOs' output voltage and
LED current setting information. The output voltage of LDO1
could be divided to 32-step levels between 1.75V (HEX
Code = 0) and 3.3V (HEX Code = 1F). And the output
voltage of LDO2 is separated to two regions, one is from
1.1V (HEX Code = 0) to 1.8V (HEX Code = 0E) and the
other is from 2.5V (HEX Code = 0F) to 3.3V (HEX Code =
1F). In addition, the LED current could be divided to 32-
step levels between 0.8mA (HEX Code = 0) and 25mA
(HEX Code = 1F).
Voltage (V)
Voltage (V)
Voltage (V)
Voltage (V)
Code
C4~C0
LDO1
LDO2
Code
C4~C0
LDO1
LDO2
Code
C4~C0
LDO1
LDO2
Code
C4~C0
LDO1
LDO2
00000
1.75
1.10
01000
2.15
1.50
10000
2.55
2.55
11000
2.95
2.95
00001
1.80
1.15
01001
2.20
1.55
10001
2.60
2.60
11001
3.00
3.00
00010
1.85
1.20
01010
2.25
1.60
10010
2.65
2.65
11010
3.05
3.05
00011
1.90
1.25
01011
2.30
1.65
10011
2.70
2.70
11011
3.10
3.10
00100
1.95
1.30
01100
2.35
1.70
10100
2.75
2.75
11100
3.15
3.15
00101
2.00
1.35
01101
2.40
1.75
10101
2.80
2.80
11101
3.20
3.20
00110
2.05
1.40
01110
2.45
1.80
10110
2.85
2.85
11110
3.25
3.25
00111
2.10
1.45
01111
2.50
2.50
10111
2.90
2.90
11111
3.30
3.30
Code
C4~C0
LED Current
(mA)
Code
C4~C0
LED Current
(mA)
Code
C4~C0
LED Current
(mA)
Code
C4~C0
LED Current
(mA)
00000
0.8
01000
7.0
10000
13.3
11000
19.5
00001
1.6
01001
7.8
10001
14.0
11001
20.3
00010
2.3
01010
8.6
10010
14.8
11010
21.1
00011
3.1
01011
9.4
10011
15.6
11011
21.8
00100
3.9
01100
10.1
10100
16.4
11100
22..6
00101
4.7
01101
10.9
10101
17.2
11101
23.4
00110
5.5
01110
11.7
10110
17.9
11110
24.2
00111
6.2
01111
12.5
10111
18.7
11111
25.0
Table 1. LDO Voltage Setting
Table 2. LDO Current Setting
Layout Consideration
The RT9367C is a high-frequency switched-capacitor
converter. Careful PCB layout is necessary. For best
performance, place all peripheral components as close to
the IC as possible. Place CIN1, CIN2, COUT, CLDO1, CLDO2,
CFLY1, and CFLY2 near to AVIN, PVIN, VOUT, LDO1, LDO2,
C1P, C1N, C2P, C2N, and GND pin respectively. A short
connection is highly recommended. The following
guidelines should be strictly followed when designing a
PCB layout for the RT9367C.
The exposed GND pad must be soldered to a large
ground plane for heat sinking and noise prevention. The
throughhole vias located at the exposed pad is
connected to ground plane of internal layer.
VIN traces should be wide enough to minimize
inductance and handle the high currents. The trace
running from battery to chip should be placed carefully
and shielded strictly.
Input and output capacitors must be placed close to the
part. The connection between pins and capacitor pads
should be copper traces without any through-hole via
connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com