Electronic Components Datasheet Search
  English  ▼

X  

RT9367C Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9367C
Description  I2C Programmable White LED Driver with Dual LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9367C Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9367C Datasheet HTML 1Page - Richtek Technology Corporation RT9367C Datasheet HTML 2Page - Richtek Technology Corporation RT9367C Datasheet HTML 3Page - Richtek Technology Corporation RT9367C Datasheet HTML 4Page - Richtek Technology Corporation RT9367C Datasheet HTML 5Page - Richtek Technology Corporation RT9367C Datasheet HTML 6Page - Richtek Technology Corporation RT9367C Datasheet HTML 7Page - Richtek Technology Corporation RT9367C Datasheet HTML 8Page - Richtek Technology Corporation RT9367C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RT9367C
2
DS9367C-01 March 2011
www.richtek.com
Pin Configurations
Typical Application Circuit
WQFN-20L 3x3
(TOP VIEW)
C2P
PGND
C1N
C2N
NC
LDO2
LDO1
AVIN
15
14
13
12
17
18
19
20
1
2
3
4
9
8
7
6
GND
21
11
5
16
C1P
AGND
10
Marking Information
FM=YM
DNN
FM= : Product Code
YMDNN : Date Code
RT9367CGQW
RT9367CZQW
FM YM
DNN
FM : Product Code
YMDNN : Date Code
LED4
LED2
LED1
LED3
RT9367C
CFLY2
16
17
18
19
VOUT
COUT
1µF
20
3,
21 (Exposed Pad)
14
CLDO2
1µF
12
CLDO1
1µF
AVIN
PVIN
CIN1
2.2µF
CIN2
1µF
VIN
2.8V to 5.5V
13
6
1µF
2
4
CFLY1
1µF
1
5
(2k to 10k)
SCL
SDA
8
7
VCC
2.5V to 5.5V
I
2C
I
2C
R2
R1
ENA
9
Chip Enable
AGND 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com