Electronic Components Datasheet Search
  English  ▼

X  

RT9505 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9505
Description  Linear Single Cell Li-Ion Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9505 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9505 Datasheet HTML 1Page - Richtek Technology Corporation RT9505 Datasheet HTML 2Page - Richtek Technology Corporation RT9505 Datasheet HTML 3Page - Richtek Technology Corporation RT9505 Datasheet HTML 4Page - Richtek Technology Corporation RT9505 Datasheet HTML 5Page - Richtek Technology Corporation RT9505 Datasheet HTML 6Page - Richtek Technology Corporation RT9505 Datasheet HTML 7Page - Richtek Technology Corporation RT9505 Datasheet HTML 8Page - Richtek Technology Corporation RT9505 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RT9505
4
DS9505-02 April 2011
www.richtek.com
Table
NO
YES
YES
YES
NO
NO
YES
YES
NO
YES
YES
YES
TEMP
FAULT/CHG_S
HIGH
IMPEDANCE
VTS > 2.5V
or
VTS < 0.5V?
VBATT ~ 4.2V,
IBATT < 0.1 ICHG?
VACIN < VBATT ?
VACIN > 6.5V or
VACIN < 4.4V?
VEN > 1.4V ?
DISABLE MODE
P-MOSFET OFF
IBATT = 0
OVP/UVP MODE
P-MOSFET OFF
IBATT = 0
SLEEP MODE
P-MOSFET OFF
IBATT = 0
RECHARGE
IBATT = 0.1 Charge
Current
/CHG_S Pull Down
STANDBY
PFET OFF
VBATT = 4.2V,
IBATT = 0
1ms Delay
IBATT = Charge
Current
/CHG_S Pull Down
VBATT > 4.1 V?
VBATT > 2.8V?
ACIN
Power Up
Start-Up
Precharge Phase
Fast Charge Phase
Standby/Fault
Recharge Phase
NO
RT9505 Flow Chart
NO
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com