Electronic Components Datasheet Search
  English  ▼

X  

RT9505 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9505
Description  Linear Single Cell Li-Ion Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9505 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9505 Datasheet HTML 3Page - Richtek Technology Corporation RT9505 Datasheet HTML 4Page - Richtek Technology Corporation RT9505 Datasheet HTML 5Page - Richtek Technology Corporation RT9505 Datasheet HTML 6Page - Richtek Technology Corporation RT9505 Datasheet HTML 7Page - Richtek Technology Corporation RT9505 Datasheet HTML 8Page - Richtek Technology Corporation RT9505 Datasheet HTML 9Page - Richtek Technology Corporation RT9505 Datasheet HTML 10Page - Richtek Technology Corporation RT9505 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9505
8
DS9505-02 April 2011
www.richtek.com
Application Information
Automatically Power Source Selection
The RT9505 is a battery charger IC which is designed for
Li-ion Battery with 4.2V rated voltage.
ACIN Mode : When the ACIN input voltage is higher than
the UVP voltage level (4.4V), the RT9505 will turn on ACIN
P-MOSFET.
Sleep Mode : The RT9505 will enter Sleep Mode when
ACIN input voltage are removed. This feature provides low
leakage current from the battery during the absence of
input supply.
ACIN Over Voltage Protection
The ACIN input voltage is monitored by an internal OVP
comparator. The comparator has an accurate reference of
2.5V from the band-gap reference. The OVP threshold is
set by the internal resistive. The protection threshold is
set to 6.5V. When the input voltage exceeds the threshold,
the comparator outputs a logic signal to turn off the power
P-MOSFET to prevent the high input voltage from damaging
the electronics in the handheld system. When the input
over oltage condition is removed (ACIN < 6V), the
comparator re-enables the output by running through the
soft-start.
Battery Temperature Monitoring
The RT9505 continuously monitors battery temperature
by measuring the voltage between the TS and GND pins.
The RT9505 has an internal current source to provide the
bias for the most common 10k
Ω negative-temperature
coefficient thermal resistor (NTC) (see Figure 1). The
RT9505 compares the voltage on the TS pin against the
internal VTS_HIGH and VTS_LOW thresholds to determine
if charging is allowed.
When the temperature outside the VTS_HIGH and
VTS_LOW thresholds is detected, the device will
immediately stop the charge. The RT9505 stops charge
and keep monitoring the battery temperature when the
temperature sense input voltage is back to the threshold
between VTS_HIGH and VTS_LOW, the charger will be
resumed. Charge is resumed when the temperature returns
to the normal range. However the user may modify
thresholds by the negative-temperature coefficient thermal
TS
TS
NTC
TS
TS
V
= I
R
Turn off when V
2.5V or V
0.5V
×
≥≤
Figure 1. Temperature Sensing Configuration
0.1uF to 10uF
Battery
A
TS
Temperature
Sense
ITS
VBATT
NTC
resistor or adding two external resistors. (see Figure 2.)
The capacitor should be placed close to TS(Pin 9) and
connected to the ground plane. The capacitance value
(0.1uF to 10uF) should be selected according to the quality
of PCB layout. It is recommended to use 10uF if the layout
is poor if prevent noise.
Figure 2. Temperature Sensing Circuit
T2
T1
NTC
TS
TS
T1
T2
NTC
TS
TS
R(R
+ R
)
V
= I
R
+ R
+ R
Turn off when V
2.5V or V
0.5V
×
≥≤
RT2
Battery
A
TS
Temperature
Sense
ITS
VBATT
NTC
RT1
0.1uF to 10uF
SET
charge_ac
SET
SETA
V
I
= K
R
Fast-Charge Current Setting
The RT9505 offers ISETA pin to determine the ACIN charge
rate from 100mA to 1.2A. The charge current can be
calculated as following equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com