Electronic Components Datasheet Search
  English  ▼

X  

RT9505 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9505
Description  Linear Single Cell Li-Ion Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9505 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9505 Datasheet HTML 3Page - Richtek Technology Corporation RT9505 Datasheet HTML 4Page - Richtek Technology Corporation RT9505 Datasheet HTML 5Page - Richtek Technology Corporation RT9505 Datasheet HTML 6Page - Richtek Technology Corporation RT9505 Datasheet HTML 7Page - Richtek Technology Corporation RT9505 Datasheet HTML 8Page - Richtek Technology Corporation RT9505 Datasheet HTML 9Page - Richtek Technology Corporation RT9505 Datasheet HTML 10Page - Richtek Technology Corporation RT9505 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9505
10
DS9505-02 April 2011
www.richtek.com
The GND should be connected to a strong ground plane for heat sinking and noise protection.
The connection of RSETA should be isolated from other noisy traces. The short wire is recommended to prevent EMI and
noise coupling.
Output capacitor should be placed close to IC and connected to ground plane to reduce noise coupling.
The TS's capacitor should be placed close to TS (Pin 9) and connected to ground plane. The capacitance (0.1uF to
10uF) base on PCB layout. When PCB has poor layout, the 10uF is recommended to prevent noise.
9
8
7
1
2
3
4
5
10
GND
C2
C3
C1
ACIN
NC
GND
CHG_S
PGOOD
BATT
TS
ISETA
NC
EN
RSETA
Battery
GND
The capacitor should be
placed close to IC pin and
connected to ground plane.
The GND should be connected to a
strong ground plane for heat sinking
and noise protection.
The connection of RSETA should be
isolated from other noisy traces.
The short wire is recommended to
prevent EMI and noise coupling.
The TS's capacitor should be
placed close to TS(Pin 9) and
connected to ground plane.
The capacitance (0.1uF to
10uF) base on PCB layout.
When PCB has poor layout
the 10uF is recommended to
prevent noise.
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com