Electronic Components Datasheet Search
  English  ▼

X  

RT9505 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9505
Description  Linear Single Cell Li-Ion Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9505 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9505 Datasheet HTML 3Page - Richtek Technology Corporation RT9505 Datasheet HTML 4Page - Richtek Technology Corporation RT9505 Datasheet HTML 5Page - Richtek Technology Corporation RT9505 Datasheet HTML 6Page - Richtek Technology Corporation RT9505 Datasheet HTML 7Page - Richtek Technology Corporation RT9505 Datasheet HTML 8Page - Richtek Technology Corporation RT9505 Datasheet HTML 9Page - Richtek Technology Corporation RT9505 Datasheet HTML 10Page - Richtek Technology Corporation RT9505 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RT9505
9
DS9505-02 April 2011
www.richtek.com
Charge State
CHG_S
PGOOD
ACIN
Charge
ON
ON
Charge done
OFF
ON
The parameter KSET = 300 ; VSET = 2.5V. RSETA is the
resistor connected between the ISETA and GND.
Figure 3. ACIN Mode Charge Current Setting
Pre- Charge Current Setting
During a charge cycle if the battery voltage is below the
VPRECH threshold, the RT9505 applies a pre-charge mode
to the battery. This feature revives deeply discharged cells
and protects battery life. The RT9505 internal determines
the pre-charge rate as 10% of the fast-charge current.
Battery Voltage Regulation
The RT9505 monitors the battery voltage through the BATT
pin. Once the battery voltage level closes to the VREG
threshold, the RT9505 voltage enters constant phase and
the charging current begins to taper down. When battery
voltage is over the VREG threshold, the RT9505 will stop
charge and keep to monitor the battery voltage. However,
when the battery voltage decreases 100mV below the
VREG, it will be recharged to keep the battery voltage.
Charge Status Outputs
The open-drain CHG_S and PGOOD outputs indicate
various charger operations as shown in the following table.
These status pins can be used to drive LEDs or
communicate to the host processor. Note that ON
indicates the open-drain transistor is turned on and LED
is bright.
0
200
400
600
800
1000
1200
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
RSETA (k)
RSETA (k
Ω)
Temperature Regulation and Thermal Protection
In order to maximize the charge rate, the RT9505 features
a junction temperature regulation loop. If the power
dissipation of the IC results in a junction temperature
greater than the thermal regulation threshold (125
°C), the
RT9505 throttles back on the charge current in order to
maintain a junction temperature around the thermal
regulation threshold (125
°C). The RT9505 monitors the
junction temperature, TJ, of the die and disconnects the
battery from the input if TJ exceeds 125
°C. This operation
continues until junction temperature falls below thermal
regulation threshold (125
°C) by the hysteresis level. This
feature prevents the chip from damage.
Selecting the Input and Output Capacitors
In most applications, the most important is the high-
frequency decoupling capacitor on the input of the RT9505.
A 1uF ceramic capacitor, placed in close proximity to input
pin and GND pin is recommended. In some applications
depending on the power supply characteristics and cable
length, it may be necessary to add an additional 10uF
ceramic capacitor to the input. The RT9505 requires a
small output capacitor for loop stability. A 1uF ceramic
capacitor placed between the BATT pin and GND is typically
sufficient.
Layout Consideration
The RT9505 is a fully integrated low cost single-cell Li-
Ion battery charger ideal for portable applications. Careful
PCB layout is necessary. For best performance, place all
peripheral components as close to the IC as possible. A
short connection is highly recommended. The following
guidelines should be strictly followed when designing a
PCB layout for the RT9505.
Input capacitor should be placed close to IC and
connected to ground plane. The trace of input in the
PCB should be placed far away the sensitive devices or
shielded by the ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com