Electronic Components Datasheet Search
  English  ▼

X  

RT9709 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9709
Description  Integrated Over Voltage Protection Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9709 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9709 Datasheet HTML 1Page - Richtek Technology Corporation RT9709 Datasheet HTML 2Page - Richtek Technology Corporation RT9709 Datasheet HTML 3Page - Richtek Technology Corporation RT9709 Datasheet HTML 4Page - Richtek Technology Corporation RT9709 Datasheet HTML 5Page - Richtek Technology Corporation RT9709 Datasheet HTML 6Page - Richtek Technology Corporation RT9709 Datasheet HTML 7Page - Richtek Technology Corporation RT9709 Datasheet HTML 8Page - Richtek Technology Corporation RT9709 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9709
4
DS9709-02 April 2011
www.richtek.com
Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a high effective four layers thermal conductivity test board of
JEDEC 51-7 thermal measurement standard. The case position of
θJC is on the exposed pad of the packages.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Threshold
4.3
4.35
4.4
V
Battery Over Voltage Protection
VBOVP
Hysteresis
--
30
--
mV
Battery OVP Blanking time
BTOVP
--
180
--
us
VB Pin Leakage Current
VVB = 4.4V
--
--
100
nA
Rising
--
140
--
°C
OTP Threshold
TSD
Falling
--
90
--
°C
Logic
Logic-High Voltage
VIH
1.5
--
--
V
EN/ Threshold
Logic-Low Voltage
VIL
--
--
0.4
V
EN/ Internal Pull Down Resistor
100
200
400
k
Ω
WRN/ Output Logic Low
Sink 5mA
--
0.35
0.8
V
WRN Output Logic High Leakage
Current
--
--
1
uA
Power MOSFET
On Resistance (P-MOSFET)
RON1
IOUT = 500mA, 4.3V < VIN < 6.5V
--
200
400
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com