Electronic Components Datasheet Search
  English  ▼

X  

RT9709 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9709
Description  Integrated Over Voltage Protection Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9709 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9709 Datasheet HTML 1Page - Richtek Technology Corporation RT9709 Datasheet HTML 2Page - Richtek Technology Corporation RT9709 Datasheet HTML 3Page - Richtek Technology Corporation RT9709 Datasheet HTML 4Page - Richtek Technology Corporation RT9709 Datasheet HTML 5Page - Richtek Technology Corporation RT9709 Datasheet HTML 6Page - Richtek Technology Corporation RT9709 Datasheet HTML 7Page - Richtek Technology Corporation RT9709 Datasheet HTML 8Page - Richtek Technology Corporation RT9709 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT9709
5
DS9709-02 April 2011
www.richtek.com
Typical Operating Characteristics
CIN = COUT = 1uF
Power On from VIN
Time (2.5ms/Div)
WRN
(2V/Div)
VOUT
(5V/Div)
VIN
(5V/Div)
CIN = COUT = 1uF
Power Off from VIN
Time (250us/Div)
WRN
(2V/Div)
VOUT
(5V/Div)
VIN
(5V/Div)
IOUT
(500mA/Div)
CIN = COUT = 1uF
Input OVP
Time (100ms/Div)
WRN
(5V/Div)
VOUT
(5V/Div)
VIN
(10V/Div)
IOUT
(1A/Div)
Battery OVP
Time (100ms/Div)
WRN
(2V/Div)
VBATT
(5V/Div)
VACIN
(5V/Div)
IOUT
(500mA/Div)
VIN = 5.5V, CIN = COUT = 1uF
VIN = 5.5V, CIN = COUT = 1uF
OCP
Time (100ms/Div)
WRN
(2V/Div)
VOUT
(10V/Div)
VIN
(5V/Div)
IOUT
(1A/Div)
Quiescent Current vs. Input Voltage
0
100
200
300
400
500
600
2.8 3.1 3.4 3.7
4
4.3 4.6 4.9 5.2 5.5 5.8 6.1 6.4 6.7
Input Voltage (V)
CIN = COUT = 1uF
Enable
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com