Electronic Components Datasheet Search
  English  ▼

X  

RT9709 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9709
Description  Integrated Over Voltage Protection Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9709 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9709 Datasheet HTML 1Page - Richtek Technology Corporation RT9709 Datasheet HTML 2Page - Richtek Technology Corporation RT9709 Datasheet HTML 3Page - Richtek Technology Corporation RT9709 Datasheet HTML 4Page - Richtek Technology Corporation RT9709 Datasheet HTML 5Page - Richtek Technology Corporation RT9709 Datasheet HTML 6Page - Richtek Technology Corporation RT9709 Datasheet HTML 7Page - Richtek Technology Corporation RT9709 Datasheet HTML 8Page - Richtek Technology Corporation RT9709 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9709
1
DS9709-02 April 2011
www.richtek.com
Integrated Over Voltage Protection Circuit
General Description
The RT9709 is an integrated circuit (IC) optimized to protect
low voltage system from abnormal high voltage input up to
28V. The IC monitors the input voltage, battery voltage
and the charging current to make sure all three parameters
are operated in normal range. It also monitors its own
temperature and turns the MOSFET off when the chip
temperature exceeds 140
°C.
The RT9709 can support AC charger or USB charger. When
the input voltage exceeds the OVP threshold, the IC turns
off the MOSFET within 1us to remove the power before
any damage occurs.
The current in the MOSFET is also limited to prevent
charging the battery with an excessive current. The current
limit can be programmed by an external resistor between
ILIM and GND. The OCP function has a 4-bit binary counter
that accumulates during an OCP event. When the total
count reaches 16 times, the MOSFET will be turned off
permanently unless the input power is recycled.
The IC also monitors the battery voltage VB. When the
battery voltage exceeds 4.4V and last for more than 180us
the RT9709 will turn off the MOSFET. The internal logic
control will turn off and latch the MOSFET when the battery
over-voltage event reaches 16 times.
Features
Fully Integrated Protection Circuit for Three
Protection Variables
User Programmable OCP Threshold
Input OVP Less than 1us
Battery OVP
Up to 30V Over Voltage Protection
High Accuracy Protection Threshold
High Immunity of False Triggering Under Transients
Warning Indication Output
Enable Input
Thermally Enhanced WDFN Package
RoHS Compliant and Halogen Free
Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Portable Instruments
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-10L 3x3
VIN
VIN
NC
VOUT
VOUT
ILIM
VB
9
8
7
1
2
3
4
5
10
GND
WRN
EN
11
GND
WDFN-12L 4x3
11
10
9
1
2
3
4
5
12
67
8
GND
13
VIN
VIN
NC
WRN
GND
NC
VOUT
VOUT
ILIM
VB
EN
NC
RT9709
Package Type
QW : WDFN-12L 4x3 (W-Type)
QWB : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
OVP
Default : 6.8V
A : 5.85V
B : 6.25V


Similar Part No. - RT9709

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
100m POWER DISTRIBUTION SWITCHES
RT9701 RICHTEK-RT9701 Datasheet
285Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BGB RICHTEK-RT9701BGB Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
RT9701BGBL RICHTEK-RT9701BGBL Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
More results

Similar Description - RT9709

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
Output over voltage, short circuit, and over current protection
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
OVER-VOLTAGE PROTECTION
logo
FSP TECHNOLOGY INC.
FSP180-AAAM1 FSP-FSP180-AAAM1 Datasheet
76Kb / 1P
Over voltage protection
FSP180-AACM1 FSP-FSP180-AACM1 Datasheet
76Kb / 1P
Over voltage protection
logo
Megawin Technology Co.,...
MG39131AH MEGAWIN-MG39131AH Datasheet
246Kb / 11P
Over voltage protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
short circuit, over voltage protection, over current protection
logo
MORNSUN Science& Techno...
MA00505VA MORNSUN-MA00505VA Datasheet
330Kb / 4P
Over voltage, Over current, Short circuit protection
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
Over voltage, Over current, Short circuit protection
logo
Bel Fuse Inc.
0RQB-C5U54H BEL-0RQB-C5U54H Datasheet
457Kb / 11P
Output Over-Voltage Protection Over Temperature Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com