Electronic Components Datasheet Search
  English  ▼

X  

RT9709 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9709
Description  Integrated Over Voltage Protection Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9709 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9709 Datasheet HTML 1Page - Richtek Technology Corporation RT9709 Datasheet HTML 2Page - Richtek Technology Corporation RT9709 Datasheet HTML 3Page - Richtek Technology Corporation RT9709 Datasheet HTML 4Page - Richtek Technology Corporation RT9709 Datasheet HTML 5Page - Richtek Technology Corporation RT9709 Datasheet HTML 6Page - Richtek Technology Corporation RT9709 Datasheet HTML 7Page - Richtek Technology Corporation RT9709 Datasheet HTML 8Page - Richtek Technology Corporation RT9709 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9709
2
DS9709-02 April 2011
www.richtek.com
Function Block Diagram
Pin No.
WDFN-12L 4x3
WDFN-10L 3x3
Pin Name
Pin Function
1, 2
1, 2
VIN
Input Power Source Pin.
3
3
GND
Ground Pin.
4
4
WRN
This is an open-drain logic output that turns LOW when any
protection event occurs.
5, 6, 12
5
NC
No Internal Connection.
7
6
EN
Enable Input Pin. Pull this pin to low or leave it floating to
enable the IC. Force this pin to high to disable the IC.
8
7
VB
Battery Voltage Monitoring Input Pin. This pin is connected to
the battery pack positive terminal via resistor.
9
8
ILIM
Over-Current Protection Threshold Setting Pin. Connect a
resistor between this pin and GND to set the OCP threshold.
10, 11
9, 10
VOUT
Output Voltage Pin. Output through the MOSFET.
13 (Expose Pad) 11 (Exposed Pad) GND
The exposed pad must be soldered to a large PCB and
connected to GND for maximum thermal dissipation.
Functional Pin Description
Typical Application Circuit
Control
Logic
Driver
OCP
OCP
Seting
BATOVP
Buffer
OTP
UVLO
INOVP
BASE
VREF
Ibias
VDD
EN
Logic
WRN
GND
VOUT
ILIM
VB
VIN
EN
RT9709/A/B
VIN
VIN
NC
WRN
GND
VOUT
VOUT
ILIM
VB
EN
VIN
CIN
Charger
+
RVB
RILIMIT
Battery
WRN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com