Electronic Components Datasheet Search
  English  ▼

X  

1114613 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 1114613
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1114613 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 1114613 Datasheet HTML 24Page - Tyco Electronics 1114613 Datasheet HTML 25Page - Tyco Electronics 1114613 Datasheet HTML 26Page - Tyco Electronics 1114613 Datasheet HTML 27Page - Tyco Electronics 1114613 Datasheet HTML 28Page - Tyco Electronics 1114613 Datasheet HTML 29Page - Tyco Electronics 1114613 Datasheet HTML 30Page - Tyco Electronics 1114613 Datasheet HTML 31Page - Tyco Electronics 1114613 Datasheet HTML 32Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
HL Flame retardant tie-on cable marker tags
28
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
HL 150 YW 1 NF 033 B
Part numbering system
Pack size
Printable width (mm)
Format
Scoring
Color
Marker height
Product family
Used to identify large cables and bundles either pre or post-
termination, these flame retardant HL cable markers are suitable
for use in environments with temperatures of –55°C to +135°C
(–67°F to +275°F). The markers are easily applied with standard
cable ties.
HL markers are presented as organized markers assembled onto
either a fanfolded or reeled paper carrier for ease of selection and
kitting and are available in an extensive range of sizes.
They are available with the surface designed for either dot matrix
or thermal transfer printers.
Features and benefits
I Recommended for use where de-termination of wires is not
possible for large ID wires or wire bundles
I Heat resistant to +175°C for 168 hours or +250°C for 4 hours
with no deterioration in properties
I Several printable widths and heights available
I Non-standard color options available
Temperature rating
Operating temperature range
–55°C to +135°C
–67°F to +275°F
Specifications/approvals
Tyco Electronics
TTDS-037
Military
SAE AS81531 4.6.2
MIL-STD-202 Method 215J
Industry
ASTM D 2671
Printer information
Tyco Electronics printer
AM 6310 (dot matrix)
T312M (thermal transfer)
Tyco Electronics ribbon
1892BK04 (dot matrix)
1892BK03 (dot matrix —
high performance)
TMS-RJS-RIBBON-4RPSCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com