Electronic Components Datasheet Search
  English  ▼

X  

1114613 Datasheet(PDF) 40 Page - Tyco Electronics

Part # 1114613
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1114613 Datasheet(HTML) 40 Page - Tyco Electronics

Back Button 1114613 Datasheet HTML 36Page - Tyco Electronics 1114613 Datasheet HTML 37Page - Tyco Electronics 1114613 Datasheet HTML 38Page - Tyco Electronics 1114613 Datasheet HTML 39Page - Tyco Electronics 1114613 Datasheet HTML 40Page - Tyco Electronics 1114613 Datasheet HTML 41Page - Tyco Electronics 1114613 Datasheet HTML 42Page - Tyco Electronics 1114613 Datasheet HTML 43Page - Tyco Electronics 1114613 Datasheet HTML 44Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
RMK-6 Computer printable epoxy coated labels
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels
RMK6 8.5
Part numbering system
Label height (mm)
Product family
RMK-6 is a computer printable labelstock with outstanding fluid
and abrasion resistance, designed to be printed by impact dot
matrix printers. When heat-cured after printing, its unique heat
reactive epoxy surface “locks in” the image to combine the
versatility and convenience of on-site printing with performance to
meet the toughest conditions. A high performance acrylic
adhesive ensures simple installation while maintaining excellent
adhesion.
Typical applications are rating plate labels, component
identification, and pipe and cable wraparound markers. Outdoor
use is not recommended.
Features and benefits
I Printable by dot matrix printers
I Excellent fluid and abrasion resistance without an overlay
I High performance acrylic adhesive
I Low fire hazard properties
I Indoor use only
Temperature rating
Operating temperature range
Wiring marking
–40°C to +85°C
–40°F to +185°F
Panel marking
–40°C to +105°C
–40°F to +221°F
Excursion temperature
+200°C for 2 hours
Storage conditions
Unopened
12 months at temperatures not exceed-
ing +35°C (+95°F).
Opened
6 months at temperatures not exceed-
ing +25°C (+77°F)
and 80% relative humidity
Curing
4 - 6 minutes at 160°C
in an air circulating oven.
Specifications/approvals
Tyco Electronics
RW 2520
TTDS-032
Industry
UL
MH17259 Group PGGU2
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
Tyco Electronics ribbon
1892BK04 (dot matrix)
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com