Electronic Components Datasheet Search
  English  ▼

X  

1114613 Datasheet(PDF) 30 Page - Tyco Electronics

Part # 1114613
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1114613 Datasheet(HTML) 30 Page - Tyco Electronics

Back Button 1114613 Datasheet HTML 26Page - Tyco Electronics 1114613 Datasheet HTML 27Page - Tyco Electronics 1114613 Datasheet HTML 28Page - Tyco Electronics 1114613 Datasheet HTML 29Page - Tyco Electronics 1114613 Datasheet HTML 30Page - Tyco Electronics 1114613 Datasheet HTML 31Page - Tyco Electronics 1114613 Datasheet HTML 32Page - Tyco Electronics 1114613 Datasheet HTML 33Page - Tyco Electronics 1114613 Datasheet HTML 34Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
NMX Flame retardant, light weight tie-on cable marker tags
30
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
NMX 25625 WE 2.5
Part numbering system
Pack size
Color
Product size
Product family
NMX cable marker tags are used for identification of cables and
wire bundles by computer-based printing onto markers. The
markers are attached using cable ties. They are ideal for aerospace
and other cases where resistance to harsh environments and light
weight are important.
Features and benefits
I Extremely light weight
I Ultimate tensile strength and tear resistance
I Flame retardant
I Resistant to several avionics fluids, solvents and cleaners
I Dot matrix printable
I Available in white and yellow printable areas
Temperature rating
Operating temperature range
–40°C to +135°C
–40°F to +275°F
Specifications/approvals
Tyco Electronics
TTDS-030
Military
SAE AS81531 4.6.2,
MIL-STD-202 Method 215J
Industry
DMS 2325, DMS 2409
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
Tyco Electronics ribbon
1892 BK01 (dot matrix)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com