Electronic Components Datasheet Search
  English  ▼

X  

1114613 Datasheet(PDF) 60 Page - Tyco Electronics

Part # 1114613
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1114613 Datasheet(HTML) 60 Page - Tyco Electronics

Back Button 1114613 Datasheet HTML 56Page - Tyco Electronics 1114613 Datasheet HTML 57Page - Tyco Electronics 1114613 Datasheet HTML 58Page - Tyco Electronics 1114613 Datasheet HTML 59Page - Tyco Electronics 1114613 Datasheet HTML 60Page - Tyco Electronics 1114613 Datasheet HTML 61Page - Tyco Electronics 1114613 Datasheet HTML 62Page - Tyco Electronics 1114613 Datasheet HTML 63Page - Tyco Electronics 1114613 Datasheet HTML 64Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
CSL A4 Laser printable self-laminating labels
60
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
Tyco Electronics CSL is a laser printable, clear polyester film with a
permanent acrylic adhesive, supplied with a white or yellow
printable area, which is over-laminated upon application with the
clear section of the label.
Using the over-lamination process protects the printed area
against exposure to oil, solvents, water and abrasion.
Features and benefits
I Manufactured with a white or yellow coated area for writing on,
and with a clear wrap to wind around a wire or cable to cover
the written legend and to protect it against impurities that
would cause the label to become illegible
I Protects printed information from chemicals and frequent
I handling
I Designed to withstand exposure to Solvents, salts, alkalis and
I water
I Can also be flagged around a wire rather than wrapped
Temperature rating
Operating temperature range
–30°C to +120°C
–22°F to +248°F
CSL- 034 23 P- 4
Part numbering system
Color
Material (Polyester)
Label width
Label height
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com