Electronic Components Datasheet Search
  English  ▼

X  

SAM4SA16B Datasheet(PDF) 24 Page - ATMEL Corporation

Part # SAM4SA16B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SA16B Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button SAM4SA16B Datasheet HTML 20Page - ATMEL Corporation SAM4SA16B Datasheet HTML 21Page - ATMEL Corporation SAM4SA16B Datasheet HTML 22Page - ATMEL Corporation SAM4SA16B Datasheet HTML 23Page - ATMEL Corporation SAM4SA16B Datasheet HTML 24Page - ATMEL Corporation SAM4SA16B Datasheet HTML 25Page - ATMEL Corporation SAM4SA16B Datasheet HTML 26Page - ATMEL Corporation SAM4SA16B Datasheet HTML 27Page - ATMEL Corporation SAM4SA16B Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
24
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
3. When considering wake-up time, the time required to start the PLL is not taken into account. Once started, the device works
with the 4/8/12 MHz fast RC oscillator. The user has to add the PLL start-up time if it is needed in the system. The wake-up
time is defined as the time taken for wake up until the first instruction is fetched.
4. Total Current consumption, 1 µA typ to 1.8V on VDDIO to 25°C.
5. 20.4 µA on VDDCORE, 32.2 µA for total current consumption
6. In this mode the core is supplied and not clocked but some peripherals can be clocked.
7. Depends on MCK frequency. In this mode, the core is supplied but some peripherals can be clocked.
5.6
Wake-up Sources
The wake-up events allow the device to exit the backup mode. When a wake-up event is
detected, the Supply Controller performs a sequence which automatically reenables the core
power supply and the SRAM power supply, if they are not already enabled.
Figure 5-4.
Wake-up Source
WKUP15
WKUPEN15
WKUPT15
WKUPEN1
WKUPEN0
Debouncer
SLCK
WKUPDBC
WKUPS
RTCEN
rtc_alarm
SMEN
sm_out
Core
Supply
Restart
WKUPIS0
WKUPIS1
WKUPIS15
Falling/Rising
Edge
Detector
WKUPT0
Falling/Rising
Edge
Detector
WKUPT1
Falling/Rising
Edge
Detector
WKUP0
WKUP1
RTTEN
rtt_alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com