Electronic Components Datasheet Search
  English  ▼

X  

SAM4SA16B Datasheet(PDF) 28 Page - ATMEL Corporation

Part # SAM4SA16B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SA16B Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button SAM4SA16B Datasheet HTML 24Page - ATMEL Corporation SAM4SA16B Datasheet HTML 25Page - ATMEL Corporation SAM4SA16B Datasheet HTML 26Page - ATMEL Corporation SAM4SA16B Datasheet HTML 27Page - ATMEL Corporation SAM4SA16B Datasheet HTML 28Page - ATMEL Corporation SAM4SA16B Datasheet HTML 29Page - ATMEL Corporation SAM4SA16B Datasheet HTML 30Page - ATMEL Corporation SAM4SA16B Datasheet HTML 31Page - ATMEL Corporation SAM4SA16B Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
28
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
6.3
Test Pin
The TST pin is used for JTAG Boundary Scan Manufacturing Test or Fast Flash programming
mode of the SAM4S series. The TST pin integrates a permanent pull-down resistor of about 15
k
Ω to GND, so that it can be left unconnected for normal operations. To enter fast programming
mode, see the Fast Flash Programming Interface (FFPI) section. For more details on the manu-
facturing and test mode, refer to the “Debug and Test” section of the product datasheet.
6.4
NRST Pin
The NRST pin is bidirectional. It is handled by the on-chip reset controller and can be driven low
to provide a reset signal to the external components or asserted low externally to reset the
microcontroller. It will reset the Core and the peripherals except the Backup region (RTC, RTT
and Supply Controller). There is no constraint on the length of the reset pulse and the reset con-
troller can guarantee a minimum pulse length. The NRST pin integrates a permanent pull-up
resistor to VDDIO of about 100 k
Ω. By default, the NRST pin is configured as an input.
6.5
ERASE Pin
The ERASE pin is used to reinitialize the Flash content (and some of its NVM bits) to an erased
state (all bits read as logic level 1). It integrates a pull-down resistor of about 100 k
Ω to GND, so
that it can be left unconnected for normal operations.
This pin is debounced by SCLK to improve the glitch tolerance. When the ERASE pin is tied high
during less than 100 ms, it is not taken into account. The pin must be tied high during more than
220 ms to perform a Flash erase operation.
The ERASE pin is a system I/O pin and can be used as a standard I/O. At startup, the ERASE
pin is not configured as a PIO pin. If the ERASE pin is used as a standard I/O, startup level of
this pin must be low to prevent unwanted erasing. Refer to Section 10.16 “Peripheral Signal Mul-
tiplexing on I/O Lines” on page 48. Also, if the ERASE pin is used as a standard I/O output,
asserting the pin to low does not erase the Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com