Electronic Components Datasheet Search
  English  ▼

X  

SAM4SA16B Datasheet(PDF) 40 Page - ATMEL Corporation

Part # SAM4SA16B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SA16B Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button SAM4SA16B Datasheet HTML 36Page - ATMEL Corporation SAM4SA16B Datasheet HTML 37Page - ATMEL Corporation SAM4SA16B Datasheet HTML 38Page - ATMEL Corporation SAM4SA16B Datasheet HTML 39Page - ATMEL Corporation SAM4SA16B Datasheet HTML 40Page - ATMEL Corporation SAM4SA16B Datasheet HTML 41Page - ATMEL Corporation SAM4SA16B Datasheet HTML 42Page - ATMEL Corporation SAM4SA16B Datasheet HTML 43Page - ATMEL Corporation SAM4SA16B Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
40
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Figure 10-1. System Controller Block Diagram
Software Controlled
Voltage Regulator
Matrix
SRAM
Watchdog
Timer
Cortex-M4
Flash
Peripherals
Peripheral
Bridge
Zero-Power
Power-on Reset
Supply
Monitor
(Backup)
RTC
Power
Management
Controller
Embedded
32 kHz RC
Oscillator
Xtal 32 kHz
Oscillator
Supply
Controller
Brownout
Detector
(Core)
Reset
Controller
Backup Power Supply
Core Power Supply
PLLA
vr_on
vr_mode
ON
out
rtc_alarm
SLCK
rtc_nreset
proc_nreset
periph_nreset
ice_nreset
Master Clock
MCK
SLCK
NRST
MAINCK
FSTT0 - FSTT15
XIN32
XOUT32
osc32k_xtal_en
Slow Clock
SLCK
osc32k_rc_en
VDDIO
VDDCORE
VDDOUT
ADVREF
ADx
WKUP0 - WKUP15
bod_core_on
lcore_brown_out
RTT
rtt_alarm
SLCK
rtt_nreset
XIN
XOUT
VDDIO
VDDIN
PIOx
USB
Transeivers
VDDIO
DDP
DDM
MAINCK
DAC Analog
Circuitry
DACx
PLLB
PLLBCK
PLLACK
Embedded
12 / 8 / 4 MHz
RC
Oscillator
Main Clock
MAINCK
SLCK
3 - 20 MHz
XTAL Oscillator
VDDIO
XTALSEL
General Purpose
Backup Registers
vddcore_nreset
vddcore_nreset
PIOA/B/C
Input/Output Buffers
ADC Analog
Circuitry
Analog
Comparator
FSTT0 - FSTT15 are possible Fast Startup sources, generated by WKUP0 - WKUP15 pins,
but are not physical pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com