Electronic Components Datasheet Search
  English  ▼

X  

SAM4SA16B Datasheet(PDF) 63 Page - ATMEL Corporation

Part # SAM4SA16B
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SA16B Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button SAM4SA16B Datasheet HTML 59Page - ATMEL Corporation SAM4SA16B Datasheet HTML 60Page - ATMEL Corporation SAM4SA16B Datasheet HTML 61Page - ATMEL Corporation SAM4SA16B Datasheet HTML 62Page - ATMEL Corporation SAM4SA16B Datasheet HTML 63Page - ATMEL Corporation SAM4SA16B Datasheet HTML 64Page - ATMEL Corporation SAM4SA16B Datasheet HTML 65Page - ATMEL Corporation SAM4SA16B Datasheet HTML 66Page - ATMEL Corporation SAM4SA16B Datasheet HTML 67Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 63 / 67 page
background image
63
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
13. Ordering Information
Table 13-1.
Ordering Codes for SAM4S Devices
Ordering Code
MRL
Flash
(Kbytes)
Package
Package Type
Temperature
Operating Range
ATSAM4SD32CA-CU
A
2*1024
TFBGA100
Green
Industrial
(-40°C to +85°C)
ATSAM4SD32CA-CFU
A
2*1024
VFBGA100
Green
Industrial
(-40°C to +85°C)
ATSAM4SD32CA-AU
A
2*1024
LQFP100
Green
Industrial
(-40°C to +85°C)
ATSAM4SD32BA-MU
A
2*1024
QFN64
Green
Industrial
(-40°C to +85°C)
ATSAM4SD32BA-AU
A
2*1024
LQFP64
Green
Industrial
(-40°C to +85°C)
ATSAM4SD16CA-CU
A
2*512
TFBGA100
Green
Industrial
(-40°C to +85°C)
ATSAM4SD16CA-CFU
A
2*512
VFBGA100
Green
Industrial
(-40°C to +85°C)
ATSAM4SD16CA-AU
A
2*512
LQFP100
Green
Industrial
(-40°C to +85°C)
ATSAM4SD16BA-MU
A
2*512
QFN64
Green
Industrial
(-40°C to +85°C)
ATSAM4SD16BA-AU
A
2*512
LQFP64
Green
Industrial
(-40°C to +85°C)
ATSAM4SA16CA-CU
A
1024
TFBGA100
Green
Industrial
(-40°C to +85°C)
ATSAM4SA16CA-CFU
A
1024
VFBGA100
Green
Industrial
(-40°C to +85°C)
ATSAM4SA16CA-AU
A
1024
LQFP100
Green
Industrial
(-40°C to +85°C)
ATSAM4SA16BA-MU
A
1024
QFN64
Green
Industrial
(-40°C to +85°C)
ATSAM4SA16BA-AU
A
1024
LQFP64
Green
Industrial
(-40°C to +85°C)
ATSAM4S16CA-CU
A
1024
TFBGA100
Green
Industrial
(-40°C to +85°C)
ATSAM4S16CA-CFU
A
1024
VFBGA100
Green
Industrial
(-40°C to +85°C)
ATSAM4S16CA-AU
A
1024
LQFP100
Green
Industrial
(-40°C to +85°C)
ATSAM4S16BA-MU
A
1024
QFN64
Green
Industrial
(-40°C to +85°C)
ATSAM4S16BA-AU
A
1024
LQFP64
Green
Industrial
(-40°C to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com