Electronic Components Datasheet Search
  English  ▼

X  

MAX11046 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11046
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11046 Datasheet HTML 1Page - Maxim Integrated Products MAX11046 Datasheet HTML 2Page - Maxim Integrated Products MAX11046 Datasheet HTML 3Page - Maxim Integrated Products MAX11046 Datasheet HTML 4Page - Maxim Integrated Products MAX11046 Datasheet HTML 5Page - Maxim Integrated Products MAX11046 Datasheet HTML 6Page - Maxim Integrated Products MAX11046 Datasheet HTML 7Page - Maxim Integrated Products MAX11046 Datasheet HTML 8Page - Maxim Integrated Products MAX11046 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
19-5036; Rev 5; 1/11
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX11044/MAX11045/MAX11046 16-bit and
MAX11054/MAX11055/MAX11056 14-bit ADCs offer 4, 6,
or 8 independent input channels. Featuring independent
track and hold (T/H) and SAR circuitry, these parts pro-
vide simultaneous sampling at 250ksps for each channel.
The MAX11044/MAX11045/MAX11046 and MAX11054/
MAX11055/MAX11056 accept a ±5V input. All inputs
are overrange protected with internal ±20mA input
clamps providing overrange protection with a simple
external resistor. Other features include a 4MHz T/H
input bandwidth, internal clock, and internal or external
reference. A 20MHz, bidirectional, parallel interface
provides the conversion results and accepts digital
configuration inputs.
The MAX11044/MAX11045/MAX11046 and MAX11054/
MAX11055/MAX11056 operate with a 4.75V to 5.25V
analog supply and a separate flexible 2.7V to 5.25V
digital supply for interfacing with the host without a level
shifter.
The
MAX11044/MAX11045/MAX11046
are available in a 56-pin TQFN and 64-pin TQFP pack-
ages while the MAX11054/MAX11055/MAX11056 are
available in TQFP only and operate over the extended
-40°C to +85°C temperature range.
Applications
Automatic Test Equipment
Power-Factor Monitoring and Correction
Power-Grid Protection
Multiphase Motor Control
Vibration and Waveform Analysis
Features
o 16-Bit ADC (MAX11044/MAX11045/MAX11046) and
14-Bit ADC (MAX11054/MAX11055/MAX11056)
8-Channel ADC (MAX11046/MAX11056)
6-Channel ADC (MAX11045/MAX11055)
4-Channel ADC (MAX11044/MAX11054)
o Single Analog and Digital Supply
o High-Impedance Inputs Up to 1GΩ
o On-Chip T/H Circuit for Each Channel
o Fast 3µs Conversion Time
o High Throughput: 250ksps for Each Channel
o 16-Bit/14-Bit, High-Speed, Parallel Interface
o Internal Clocked Conversions
o 10ns Aperture Delay
o 100ps Channel-to-Channel T/H Matching
o Low Drift, Accurate 4.096V Internal Reference
Providing an Input Range of ±5V
o External Reference Range of 3.0V to 4.25V,
Allowing Full-Scale Input Ranges of ±4.0V to ±5.2V
o 56-Pin (8mm x 8mm) TQFN and 64-Pin
(10mm x 10mm) TQFP Packages
o Evaluation Kit Available
Ordering Information
PART
PIN-PACKAGE
CHANNELS
MAX11044ETN+
56 TQFN-EP*
4
MAX11044ECB+
64 TQFP-EP*
4
MAX11045ETN+
56 TQFN-EP*
6
MAX11045ECB+
64 TQFP-EP*
6
MAX11046ETN+
56 TQFN-EP*
8
MAX11046ECB+
64 TQFP-EP*
8
MAX11054ECB+
64 TQFP-EP*
4
MAX11055ECB+
64 TQFP-EP*
6
MAX11056ECB+
64 TQFP-EP*
8
Note: All devices are specified over the -40°C to +85°C operating
temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
Functional Diagram
CLAMP
S/H
16-/14-BIT ADC
CLAMP
S/H
16-/14-BIT ADC
REF
BUF
CONFIGURATION
REGISTERS
INTERFACE
AND
CONTROL
BANDGAP
REFERENCE
CH0
AVDD
AGNDS
AGND
CH7†
DB15**
DB0/CR0
DB3/CR3
DB4
EOC
SHDN
CONVST
CS
RD
WR
DGND
DVDD
RDC
RDC_SENSE*
**MAX11044/MAX11045/MAX11046
†MAX11046/MAX11056
REFIO
INT REF
10k
Ω
EXT REF
*CONNECTED INTERNALLY TO RDC ON THE TQFN PARTS
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX11046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11046 MAXIM-MAX11046 Datasheet
1Mb / 19P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11046 MAXIM-MAX11046 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
8-Channel Simultaneous- Sampling Analog Front End
2013
MAX11046ECB+ MAXIM-MAX11046ECB+ Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11046ECB+ MAXIM-MAX11046ECB+ Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results

Similar Description - MAX11046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com