Electronic Components Datasheet Search
  English  ▼

X  

MAX11046 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX11046
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX11046 Datasheet HTML 11Page - Maxim Integrated Products MAX11046 Datasheet HTML 12Page - Maxim Integrated Products MAX11046 Datasheet HTML 13Page - Maxim Integrated Products MAX11046 Datasheet HTML 14Page - Maxim Integrated Products MAX11046 Datasheet HTML 15Page - Maxim Integrated Products MAX11046 Datasheet HTML 16Page - Maxim Integrated Products MAX11046 Datasheet HTML 17Page - Maxim Integrated Products MAX11046 Datasheet HTML 18Page - Maxim Integrated Products MAX11046 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
15
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
Detailed Description
The MAX11044/MAX11045/MAX11046 and MAX11054/
MAX11055/MAX11056 are fast, low-power ADCs that
combine 4, 6, or 8 independent ADC channels in a sin-
gle IC. Each channel includes simultaneously sampling
independent T/H circuitry that preserves relative phase
information between inputs making the MAX11044/
MAX11045/MAX11046 and MAX11054/MAX11055/
MAX11056 ideal for motor control and power monitor-
ing. The MAX11044/MAX11045/MAX11046 and
MAX11054/MAX11055/MAX11056 are available with
±5V input ranges that feature ±20mA overrange, fault-
tolerant inputs. The MAX11044/MAX11045/MAX11046
and MAX11054/MAX11055/MAX11056 operate with a
single 4.75V to 5.25V supply. A separate 2.7V to 5.25V
supply for digital circuitry makes the devices compatible
with low-voltage processors.
The MAX11044/MAX11045/MAX11046 and MAX11054/
MAX11055/MAX11056 perform conversions for all chan-
nels in parallel by activating independent ADCs. Results
are available through a high-speed, 20MHz, parallel
data bus after a conversion time of 3µs following the end
of a sample. The data bus is bidirectional and allows for
easy programming of the configuration register. The
MAX11044/MAX11045/MAX11046 and MAX11054/
MAX11055/MAX11056 feature a reference buffer, which
Pin Description (continued)
PIN
MAX11054
(TQFP-EP)
MAX11055
(TQFP-EP)
MAX11056
(TQFP-EP)
NAME
FUNCTION
27, 33, 40, 48,
54
27, 33, 40, 48,
54
27, 33, 40, 48,
54
RDC
Reference Buffer Decoupling. Connect all RDC outputs
together. Bypass to AGND with at least an 80µF total
capacitance. See the Layout, Grounding, and Bypassing
section.
37
34
31
CH0
Channel 0 Analog Input
39
37
34
CH1
Channel 1 Analog Input
42
39
37
CH2
Channel 2 Analog Input
44
42
39
CH3
Channel 3 Analog Input
41
41
41
REFIO
External Reference Input/Internal Reference Output.
Place a 0.1µF capacitor from REFIO to AGND.
—
44
42
CH4
Channel 4 Analog Input
—
47
44
CH5
Channel 5 Analog Input
—
—
47
CH6
Channel 6 Analog Input
—
—
50
CH7
Channel 7 Analog Input
61
61
61
WR
Active-Low Write Input. Drive WR low to write to the
ADC. Configuration registers are loaded on the rising
edge of WR.
62
62
62
CS
Active-Low Chip-Select Input. Drive CS low when
reading from or writing to the ADC.
63
63
63
RD
Active-Low Read Input. Drive RD low to read from the
ADC. Each rising edge of RD advances the channel
output on the data bus.
64
64
64
DB13
14-Bit Parallel Data Bus Digital Output Bit 13
31, 34, 47, 50
31, 50
—
I.C.
Internally Connected. Connect to AGND.
———
EP
Exposed Pad. Internally connected to AGND. Connect to
a large ground plane to maximize thermal performance.
Not intended as an electrical connection point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com