Electronic Components Datasheet Search
  English  ▼

X  

MAX11046 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11046
Description  4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11046 Datasheet HTML 9Page - Maxim Integrated Products MAX11046 Datasheet HTML 10Page - Maxim Integrated Products MAX11046 Datasheet HTML 11Page - Maxim Integrated Products MAX11046 Datasheet HTML 12Page - Maxim Integrated Products MAX11046 Datasheet HTML 13Page - Maxim Integrated Products MAX11046 Datasheet HTML 14Page - Maxim Integrated Products MAX11046 Datasheet HTML 15Page - Maxim Integrated Products MAX11046 Datasheet HTML 16Page - Maxim Integrated Products MAX11046 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
4-/6-/8-Channel, 16-/14-Bit,
Simultaneous-Sampling ADCs
13
Maxim Integrated
MAX11044/MAX11045/MAX11046/
MAX11054/MAX11055/MAX11056
Pin Description (continued)
PIN
MAX11044
(TQFP-EP)
MAX11045
(TQFP-EP)
MAX11046
(TQFP-EP)
NAME
FUNCTION
26, 55
26, 55
26, 55
RDC_SENSE
Reference Buffer Sense Feedback. Connect to RDC
plane.
27, 33, 40, 48,
54
27, 33, 40, 48,
54
27, 33, 40, 48,
54
RDC
Reference Buffer Decoupling. Connect all RDC outputs
together. Bypass to AGND with at least an 80µF total
capacitance. See the Layout, Grounding, and Bypassing
section.
37
34
31
CH0
Channel 0 Analog Input
39
37
34
CH1
Channel 1 Analog Input
42
39
37
CH2
Channel 2 Analog Input
44
42
39
CH3
Channel 3 Analog Input
41
41
41
REFIO
External Reference Input/Internal Reference Output.
Place a 0.1µF capacitor from REFIO to AGND.
—
44
42
CH4
Channel 4 Analog Input
—
47
44
CH5
Channel 5 Analog Input
—
—
47
CH6
Channel 6 Analog Input
—
—
50
CH7
Channel 7 Analog Input
61
61
61
WR
Active-Low Write Input. Drive WR low to write to the
ADC. Configuration registers are loaded on the rising
edge of WR.
62
62
62
CS
Active-Low Chip-Select Input. Drive CS low when
reading from or writing to the ADC.
63
63
63
RD
Active-Low Read Input. Drive RD low to read from the
ADC. Each rising edge of RD advances the channel
output on the data bus.
64
64
64
DB15
16-Bit Parallel Data Bus Digital Output Bit 15
31, 34, 47, 50
31, 50
—
I.C.
Internally Connected. Connect to AGND.
——
—
EP
Exposed Pad. Internally connected to AGND. Connect to
a large ground plane to maximize thermal performance.
Not intended as an electrical connection point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com