Electronic Components Datasheet Search
  English  ▼

X  

AD14160KB-4 Datasheet(PDF) 23 Page - Analog Devices

Part # AD14160KB-4
Description  Quad-SHARC DSP Multiprocessor Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14160KB-4 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD14160KB-4 Datasheet HTML 19Page - Analog Devices AD14160KB-4 Datasheet HTML 20Page - Analog Devices AD14160KB-4 Datasheet HTML 21Page - Analog Devices AD14160KB-4 Datasheet HTML 22Page - Analog Devices AD14160KB-4 Datasheet HTML 23Page - Analog Devices AD14160KB-4 Datasheet HTML 24Page - Analog Devices AD14160KB-4 Datasheet HTML 25Page - Analog Devices AD14160KB-4 Datasheet HTML 26Page - Analog Devices AD14160KB-4 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
AD14160/AD14160L
–23–
REV. A
40 MHz–5 V
40 MHz–3.3 V
Parameter
Min
Max
Min
Max
Units
Timing Requirements:
tHBGRCSV
HBG Low to RD/WR/CS Valid1
19.5 + 5DT/4
19.5 + 5DT/4
ns
tSHBRI
HBR Setup Before CLKIN2
20 + 3DT/4
20 + 3DT/4
ns
tHHBRI
HBR Hold Before CLKIN2
14 + 3DT/4
14 + 3DT/4
ns
tSHBGI
HBG Setup Before CLKIN
13 + DT/2
13 + DT/2
ns
tHHBGI
HBG Hold Before CLKIN High
6 + DT/2
6 + DT/2
ns
tSBRI
BRx, CPA Setup Before CLKIN3
13.5 + DT/2
13.5 + DT/2
ns
tHBRI
BRx, CPA Hold Before CLKIN High
6 + DT/2
6 + DT/2
ns
tSRPBAI
RPBA Setup Before CLKIN
21.5 + 3DT/4
21.5 + 3DT/4
ns
tHRPBAI
RPBA Hold Before CLKIN
12 + 3DT/4
12 + 3DT/4
ns
Switching Characteristics:
tDHBGO
HBG Delay After CLKIN
7.5 – DT/8
7.5 – DT/8
ns
tHHBGO
HBG Hold After CLKIN
–2 – DT/8
–2 – DT/8
ns
tDBRO
BRx Delay After CLKIN
8 – DT/8
8 – DT/8
ns
tHBRO
BRx Hold After CLKIN
–2 – DT/8
–2 – DT/8
ns
tDCPAO
CPA Low Delay After CLKIN
8.5 – DT/8
8.5 – DT/8
ns
tTRCPA
CPA Disable After CLKIN
–2 – DT/8
5 – DT/8
–2 – DT/8
5 – DT/8
ns
tDRDYCS
REDY (O/D) or (A/D) Low from
CS
and
HBR Low4
9.5
10.25
ns
tTRDYHG
REDY (O/D) Disable or REDY (A/D)
High from
HBG4
43.5 + 27DT/16
43.5 + 27DT/16
ns
tARDYTR
REDY (A/D) Disable from
CS or HBR
High
4
11
11
ns
NOTES
1For first asynchronous access after
HBR and CS asserted, ADDR
31–0 must be a non-MMS value 1/2 t CK before RD or WR goes low or by tHBGRCSV after HBG goes
low. This is easily accomplished by driving an upper address signal high when
HBG is asserted.
2Only required for recognition in the current cycle.
3
CPA assertion must meet the setup to CLKIN; deassertion does not need to meet the setup to CLKIN.
4(O/D) = open drain, (A/D) = active drive.
Multiprocessor Bus Request and Host Bus Request
Use these specifications for passing of bus mastership between
multiprocessing ADSP-2106x’s (
BRx) or a host processor
(
HBR, HBG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com