Electronic Components Datasheet Search
  English  ▼

X  

AD14160KB-4 Datasheet(PDF) 33 Page - Analog Devices

Part # AD14160KB-4
Description  Quad-SHARC DSP Multiprocessor Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14160KB-4 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD14160KB-4 Datasheet HTML 29Page - Analog Devices AD14160KB-4 Datasheet HTML 30Page - Analog Devices AD14160KB-4 Datasheet HTML 31Page - Analog Devices AD14160KB-4 Datasheet HTML 32Page - Analog Devices AD14160KB-4 Datasheet HTML 33Page - Analog Devices AD14160KB-4 Datasheet HTML 34Page - Analog Devices AD14160KB-4 Datasheet HTML 35Page - Analog Devices AD14160KB-4 Datasheet HTML 36Page - Analog Devices AD14160KB-4 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
AD14160/AD14160L
–33–
REV. A
Serial Ports
40 MHz–5 V
40 MHz–3.3 V
Parameter
Min
Max
Min
Max
Units
External Clock
Timing Requirements:
tSFSE
TFS/RFS Setup Before TCLK/RCLK
1
3.5
3.5
ns
tHFSE
TFS/RFS Hold After TCLK/RCLK
1, 2
44
ns
tSDRE
Receive Data Setup Before RCLK
1
1.5
1.5
ns
tHDRE
Receive Data Hold After RCLK
1
44
ns
tSCLKW
TCLK/RCLK Width
9.5
9
ns
tSCLK
TCLK/RCLK Period
tCK
tCK
ns
Internal Clock
Timing Requirements:
tSFSI
TFS Setup Before TCLK
1; RFS Setup Before RCLK1 88
ns
tHFSI
TFS/RFS Hold After TCLK/RCLK
1, 2
11
ns
tSDRI
Receive Data Setup Before RCLK
1
33
ns
tHDRI
Receive Data Hold After RCLK
1
33
ns
External or Internal Clock
Switching Characteristics:
tDFSE
RFS Delay After RCLK (Internally Generated RFS)
3
13.5
13.5
ns
tHFSE
RFS Hold After RCLK (Internally Generated RFS)
3
33
ns
External Clock
Switching Characteristics:
tDFSE
TFS Delay After TCLK (Internally Generated TFS)
3
13.5
13.5
ns
tHFSE
TFS Hold After TCLK (Internally Generated TFS)
3
33
ns
tDDTE
Transmit Data Delay After TCLK
3
16.5
16.5
ns
tHDTE
Transmit Data Hold After TCLK
3
55
ns
Internal Clock
Switching Characteristics:
tDFSI
TFS Delay After TCLK (Internally Generated TFS)
3
4.5
4.5
ns
tHFSI
TFS Hold After TCLK (Internally Generated TFS)
3
–1.5
–1.5
ns
tDDTI
Transmit Data Delay After TCLK
3
7.5
7.5
ns
tHDTI
Transmit Data Hold After TCLK
3
00
ns
tSCLKIW
TCLK/RCLK Width
(SCLK/2) – 2
(SCLK/2) + 2
(SCLK/2) – 2.5
(SCLK/2) + 2.5
ns
Enable and Three-State
Switching Characteristics:
tDDTEN
Data Enable from External TCLK
3
3.5
4
ns
tDDTTE
Data Disable from External TCLK
3
11
11
ns
tDDTIN
Data Enable from Internal TCLK
3
00
ns
tDDTTI
Data Disable from Internal TCLK
3
33
ns
tDCLK
TCLK/RCLK Delay from CLKIN
22.5 + 3DT/8
22.5 + 3DT/8
ns
tDPTR
SPORT Disable After CLKIN
17.5
17.5
ns
External Late Frame Sync
Switching Characteristics:
tDDTLFSE Data Delay from Late External TFS or
12.5
13.3
ns
External RFS with MCE = 1, MFD = 0
4
tDDTENFS Data Enable from Late FS or MCE = 1, MFD = 0
4
3
3.5
ns
To determine whether communication is possible between two devices at clock speed n, the following specifications must be confirmed: 1) frame sync delay and frame
sync setup and hold, 2) data delay and data setup and hold, and 3) SCLK width.
NOTES
1Referenced to sample edge.
2RFS hold after RCK when MCE = 1, MFD = 0 is 0 ns minimum from drive edge. TFS hold after TCK for late external TFS is 0 ns minimum from drive edge.
3Referenced to drive edge.
4MCE = 1, TFS enable and TFS valid follow t
DDTLFSE and tDDTENFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com