Electronic Components Datasheet Search
  English  ▼

X  

AD1819B Datasheet(PDF) 19 Page - Analog Devices

Part # AD1819B
Description  AC??7 SoundPort Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1819B Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1819B Datasheet HTML 15Page - Analog Devices AD1819B Datasheet HTML 16Page - Analog Devices AD1819B Datasheet HTML 17Page - Analog Devices AD1819B Datasheet HTML 18Page - Analog Devices AD1819B Datasheet HTML 19Page - Analog Devices AD1819B Datasheet HTML 20Page - Analog Devices AD1819B Datasheet HTML 21Page - Analog Devices AD1819B Datasheet HTML 22Page - Analog Devices AD1819B Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD1819B
–19–
REV. 0
The AC-Link protocol provides for a special 16-bit time slot (Slot 0) wherein each bit conveys a valid tag for its corresponding time
slot within the current audio frame. A “1” in a given bit position of Slot 0 indicates that the corresponding time slot within the cur-
rent audio frame has been assigned to a data stream, and contains valid data. If a slot is “tagged” invalid, it is the responsibility of the
source of the data, (AD1819B for the input stream, AC’97 controller for the output stream), to stuff all bit positions with 0s during
that slot’s active time. The AD1819B stuffs all invalid slots with zeros and ignores invalid input slots.
Additionally, for power savings, all clock, sync, and data signals can be halted.
For multiple codec operations, the AD1819B supports an enhanced mode for communicating with up to two additional codecs. The
Slave 1 AD1819B codec uses Slots 5 and 6, while Slave 2 uses Slots 7 and 8 as shown in the following diagram.
SLAVE 1
12
34
5
6
7
8
9
10
11
12
SLOT # ....
SYNC
OUTGOING STREAMS
INCOMING STREAMS
TAG
RSRVD
RSRVD
RSRVD
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RIGHT
PCM
LEFT
PCM
RIGHT
PCM
LEFT
PCM
RIGHT
TAG
RSRVD
RSRVD
RSRVD
PCM
LEFT
PCM
RIGHT
PCM
LEFT
PCM
RIGHT
PCM
LEFT
PCM
RIGHT
STATUS
DATA
STATUS
ADR
RSRVD
RSRVD
ENHANCED MODE
SLAVE 2
DATA PHASE
TAG
PHASE
Figure 9. Standard Bidirectional Audio Frame
AC-Link Audio Output Frame (SDATA_OUT)
The audio output frame data streams correspond to the multiplexed bundles of all digital output data targeting AD1819B’s DAC
inputs and control registers. As briefly mentioned earlier, each audio output frame supports up to twelve 20-bit outgoing data time
slots. Slot 0 is a special reserved time slot containing 16 bits that are used for AC-Link protocol infrastructure.
Within Slot 0 the first bit is a global bit (SDATA_OUT Slot 0, Bit 15), which flags the validity for the entire audio frame. If the
“Valid Frame” bit is a 1, this indicates that the current audio frame contains at least one slot time of valid data. The next 12-bit
positions sampled by AC’97 indicate which of the corresponding 12 time slots contain valid data. In this way input DAC data
streams of differing sample rates can be transmitted across the AC-Link at its fixed 48 kHz audio frame rate. The following diagram
illustrates the time-slot-based AC-Link protocol.
END OF PREVIOUS
AUDIO FRAME
TIME SLOT “VALID”
BITS
(1) = TIME SLOT CONTAINS VALID PCM DATA
TAG PHASE
20.8 s (48kHz)
DATA PHASE
SLOT 1
SLOT 2
SLOT 3
SLOT 12
SYNC
BIT_CLK
CODEC
READY
SLOT(1) SLOT(2)
SLOT(12)
“0”
“0”
“0”
19
0
19
00
0
19
19
12.2888MHz
81.4ns
SDATA_IN
Figure 10. AC-Link Audio Output Frame
A new audio output frame begins with a low-to-high transition of SYNC. SYNC is synchronous to the rising edge of BIT_CLK. On
the immediately following falling edge of BIT_CLK, the AD1819B samples the assertion of SYNC. This falling edge marks the time
when both sides of AC-Link are aware of the start of a new audio frame. On the next rising edge of BIT_CLK, the AC’97 controller
transitions SDATA_OUT into the first bit position of Slot 0 (Valid Frame Bit). Each new bit position is presented to AC-Link on a
rising edge of BIT_CLK, and subsequently sampled by AD1819B on the following falling edge of BIT_CLK. This sequence ensures
that data transitions, and subsequent sample points for both incoming and outgoing data streams are time aligned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com