Electronic Components Datasheet Search
  English  ▼

X  

AD1855 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1855
Description  Stereo, 96 kHz, Multibit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1855 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1855 Datasheet HTML 7Page - Analog Devices AD1855 Datasheet HTML 8Page - Analog Devices AD1855 Datasheet HTML 9Page - Analog Devices AD1855 Datasheet HTML 10Page - Analog Devices AD1855 Datasheet HTML 11Page - Analog Devices AD1855 Datasheet HTML 12Page - Analog Devices AD1855 Datasheet HTML 13Page - Analog Devices AD1855 Datasheet HTML 14Page - Analog Devices AD1855 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AD1855
–11–
REV. B
TYPICAL PERFORMANCE
Figures 12 through 15 illustrate the typical analog performance
of the AD1855, at FS = 48 kHz, as measured by an Audio Preci-
sion System Two. Signal-to-Noise and THD+N performance
are shown under a range of conditions. Figure 16 shows the
power supply rejection performance of the AD1855. Figure 17
shows the noise floor of the AD1855. The digital filter transfer
function is shown in Figure 18. The two-tone test in Figure 19
is per the SMPTE Standard for Measuring Intermodulation
Distortion.
020
2468
10
12
14
16
18
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FREQUENCY – kHz
–150
–160
Figure 12. 1 kHz Tone at –0.5 dBFS (8K-Point FFT)
0
20
246
8
10
12
14
16
18
–40
–45
–85
–65
–70
–75
–80
–55
–60
–50
–100
–105
FREQUENCY – kHz
22
–110
–90
–95
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
Figure 13. THD+N vs. Frequency at –0.5 dBFS
020
2
4
6
8
10
12
14
16
18
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
FREQUENCY – kHz
–150
–160
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
–150
–160
Figure 14. Dynamic Range: 1 kHz at –60 dB
–120
0
–110 –100 –90 –80 –70 –60 –50 –40 –30
0
–60
–80
–40
–20
–100
–120
AMPLITUDE – dBFS
–20 –10
0
–20
–40
–60
–80
–100
–120
Figure 15. THD+N vs. Amplitude at 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com