Electronic Components Datasheet Search
  English  ▼

X  

AD1855 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1855
Description  Stereo, 96 kHz, Multibit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1855 Datasheet(HTML) 3 Page - Analog Devices

  AD1855 Datasheet HTML 1Page - Analog Devices AD1855 Datasheet HTML 2Page - Analog Devices AD1855 Datasheet HTML 3Page - Analog Devices AD1855 Datasheet HTML 4Page - Analog Devices AD1855 Datasheet HTML 5Page - Analog Devices AD1855 Datasheet HTML 6Page - Analog Devices AD1855 Datasheet HTML 7Page - Analog Devices AD1855 Datasheet HTML 8Page - Analog Devices AD1855 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
–3–
REV. B
AD1855
DIGITAL I/O (0 C to +70 C)
Min
Typ
Max
Units
Input Voltage HI (VIH)
2.4
V
Input Voltage LO (VIL)
1.0
V
High Level Output Voltage (VOH) IOH = 1 mA
2.0
V
Low Level Output Voltage (VOL) IOL = 1 mA
0.4
V
Input Leakage (IIH @ VIH = 5 V)
10
µA
Input Leakage (IIL @ VIL = 0 V)
10
µA
Input Capacitance
10
pF
POWER
Min
Typ
Max
Units
Supplies
Voltage, Analog and Digital
4.5
5
5.50
V
Analog Current
24
30
35
mA
Analog Current—Power-Down
23
29
33
mA
Digital Current
17
20
24
mA
Digital Current—Power-Down
1
2.5
5
mA
Dissipation
Operation—Both Supplies
250
mW
Operation—Analog Supply
150
mW
Operation—Digital Supply
100
mW
Power-Down—Both Supplies
190
mW
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
–60
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–50
dB
TEMPERATURE RANGE
Min
Typ
Max
Units
Specifications Guaranteed
25
°C
Functionality Guaranteed
0
70
°C
Storage
–55
+125
°C
DIGITAL FILTER CHARACTERISTICS
Min
Typ
Max
Units
Passband Ripple
±0.04
dB
Stopband Attenuation
47
dB
Passband
0.448
FS
Stopband
0.552
FS
Group Delay
32, 44.1, 48 kHz (8
× Interpolation Mode)
106/FS
sec
96 kHz (4
× Interpolation Mode)
53/FS
sec
Group Delay Variation
0
µs
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com