Electronic Components Datasheet Search
  English  ▼

X  

AD1855 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1855
Description  Stereo, 96 kHz, Multibit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1855 Datasheet(HTML) 4 Page - Analog Devices

  AD1855 Datasheet HTML 1Page - Analog Devices AD1855 Datasheet HTML 2Page - Analog Devices AD1855 Datasheet HTML 3Page - Analog Devices AD1855 Datasheet HTML 4Page - Analog Devices AD1855 Datasheet HTML 5Page - Analog Devices AD1855 Datasheet HTML 6Page - Analog Devices AD1855 Datasheet HTML 7Page - Analog Devices AD1855 Datasheet HTML 8Page - Analog Devices AD1855 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AD1855
REV. B
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1855 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
Min
Max
Units
DVDD to DGND
–0.3
6
V
AVDD to AGND
–0.3
6
V
Digital Inputs
DGND – 0.3
DVDD + 0.3
V
Analog Outputs
AGND – 0.3
AVDD + 0.3
V
AGND to DGND
–0.3
0.3
V
Reference Voltage
(AVDD + 0.3)/2
Soldering
+300
°C
10
sec
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE CHARACTERISTICS
Min
Typ
Max
Units
θJA (Thermal Resistance
[Junction-to-Ambient])
109
°C/W
θ
JC (Thermal Resistance
[Junction-to-Case])
39
°C/W
ORDERING GUIDE
Model
Temperature
Package Description
Package Options
AD1855JRS
0
°C to +70°C
28-Lead Shrink Small Outline
RS-28
AD1855JRSRL
0
°C to +70°C
28-Lead Shrink Small Outline
RS-28 on 13
″ Reels
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD1855
FILTR
OUTR–
OUTR+
AGND
96/
48
DEEMP
ZEROR
DGND
MCLK
CLATCH
CCLK
X2MCLK
384/
256
CDATA
AGND
OUTL–
OUTL+
AVDD
FILTB
IDPM1
IDPM0
DVDD
SDATA
BCLK
L/
RCLK
ZEROL
MUTE
PD/RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com