Electronic Components Datasheet Search
  English  ▼

X  

AD1870 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1870
Description  Single-Supply 16-Bit Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1870 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1870 Datasheet HTML 7Page - Analog Devices AD1870 Datasheet HTML 8Page - Analog Devices AD1870 Datasheet HTML 9Page - Analog Devices AD1870 Datasheet HTML 10Page - Analog Devices AD1870 Datasheet HTML 11Page - Analog Devices AD1870 Datasheet HTML 12Page - Analog Devices AD1870 Datasheet HTML 13Page - Analog Devices AD1870 Datasheet HTML 14Page - Analog Devices AD1870 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1870
REV. 0
–11–
Shown in Figure 5 is a circuit for obtaining a 3 dB improve-
ment in dynamic range by using both channels of a single AD1870
with a mono input. A stereo implementation would require
using two AD1870s and using the recommended input structure
shown in Figure 2. Note that a single microprocessor would likely
be able to handle the averaging requirements for both left and
right channels.
AD1870
RECOMMENDED
INPUT BUFFER
SINGLE
CHANNEL
INPUT
DIGITAL
AVERAGER
AD1870
VINR
VINL
SINGLE
CHANNEL
OUTPUT
Figure 5. Increasing Dynamic Range By Using Two
AD1870 Channels
DIGITAL INTERFACE
Modes of Operation
The AD1870’s flexible serial output port produces data in
two’s-complement, MSB-first format. The input and output sig-
nals are TTL-logic-level-compatible. Time multiplexed serial
data is output on SOUT (Pin 26), left channel then right chan-
nel, as determined by the left/right clock signal L
RCK (Pin 1).
Note that there is no method for forcing the right channel to
precede the left channel. The port is configured by pin selec-
tions. The AD1870 can operate in either master or slave mode,
with the data in right-justified, I
2S-compatible, Word Clock
controlled or left-justified positions.
The various mode options are pin-programmed with the S/
M
(Slave/
Master) Pin (7), the Right/Left Justify Pin (21), and the
MSBDLY Pin (22). The function of these pins is summarized
as follows:
S/
M RLJUST
MSBDLY
WCLK
BCLK
L
RCK
Serial Port Operation Mode
1
1
1
Output
Input
Input
Slave Mode. WCLK frames the data. The MSB is output on the
17th BCLK cycle. Provides right-justified data in slave mode
with a 64
× f
S BCLK frequency. See Figure 7.
1
1
0
Input
Input
Input
Slave Mode. The MSB is output in the BCLK cycle after
WCLK is detected HI. WCLK is sampled on the BCLK active
edge, with the MSB valid on the next BCLK active edge. Tying
WCLK HI results in I
2S-justified data. See Figure 8.
1
0
1
Output
Input
Input
Slave Mode. Data left-justified with WCLK framing the data.
WCLK rises immediately after an L
RCK transition. The MSB is
valid on the first BCLK active edge. See Figure 9.
1
0
0
Output
Input
Input
Slave Mode. Data I
2S-justified with WCLK framing the data.
WCLK rises in the second BCLK cycle after an L
RCK transi-
tion. The MSB is valid on the second BCLK active edge. See
Figure 10.
0
1
1
Output
Output
Output
Master Mode. Data right-justified. WCLK frames the data,
going HI in the 17th BCLK cycle. BCLK frequency = 64
× f
S.
See Figure 11.
0
1
0
Output
Output
Output
Master Mode. Data right-justified + 1. WCLK is pulsed in the
17th BCLK cycle, staying HI for only 1 BCLK cycle. BCLK
frequency = 64
× f
S. See Figure 12.
0
0
1
Output
Output
Output
Master Mode. Data left-justified. WCLK frames the data.
BCLK frequency = 64
× f
S. See Figure 13.
0
0
0
Output
Output
Output
Master Mode. Data I
2S-justified. WCLK frames the data.
BCLK frequency = 64
× f
S. See Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com