Electronic Components Datasheet Search
  English  ▼

X  

AD1870 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1870
Description  Single-Supply 16-Bit Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1870 Datasheet(HTML) 4 Page - Analog Devices

  AD1870 Datasheet HTML 1Page - Analog Devices AD1870 Datasheet HTML 2Page - Analog Devices AD1870 Datasheet HTML 3Page - Analog Devices AD1870 Datasheet HTML 4Page - Analog Devices AD1870 Datasheet HTML 5Page - Analog Devices AD1870 Datasheet HTML 6Page - Analog Devices AD1870 Datasheet HTML 7Page - Analog Devices AD1870 Datasheet HTML 8Page - Analog Devices AD1870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TEMPERATURE RANGE
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
–40
+85
°C
Storage
–60
+100
°C
DIGITAL FILTER CHARACTERISTICS
Min
Typ
Max
Unit
Decimation Factor
64
Passband Ripple
0.006
dB
Stop Band
1 Attenuation
90
dB
48 kHz fS (at Recommended Crystal Frequencies)
Passband
0
21.6
kHz
Stop Band
26.4
kHz
44.1 kHz fS (at Recommended Crystal Frequencies)
Passband
0
20
kHz
Stop Band
24.25
kHz
32 kHz fS (at Recommended Crystal Frequencies)
Passband
0
14.4
kHz
Stop Band
17.6
kHz
Other fS
Passband
0
0.45
fS
Stop Band
0.55
fS
Group Delay
36/fS
s
Group Delay Variation
0
µs
NOTES
1Stop band repeats itself at multiples of 64
× fS, where fS is the output word rate. Thus the digital filter will attenuate to 0 dB across the frequency spectrum except
for a range
± 0.55 × fS wide at multiples of 64 × fS.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
Min
Typ
Max
Unit
DVDD1 to DGND1 and DVDD2 to DGND2
0
6
V
AVDD to AGND/AGNDL/AGNDR
0
6
V
Digital Inputs
DGND – 0.3
DVDD + 0.3
V
Analog Inputs
AGND – 0.3
AVDD + 0.3
V
AGND to DGND
–0.3
+0.3
V
Reference Voltage
Indefinite Short Circuit to Ground
Soldering (10 sec)
300
°C
ORDERING GUIDE
Package
Package
Model
Temperature
Description
Option
AD1870JR
–40
°C to +85°C
SOIC
R-28
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1870 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
AD1870–SPECIFICATIONS
–4–
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com