Electronic Components Datasheet Search
  English  ▼

X  

AD1870 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1870
Description  Single-Supply 16-Bit Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1870 Datasheet(HTML) 3 Page - Analog Devices

  AD1870 Datasheet HTML 1Page - Analog Devices AD1870 Datasheet HTML 2Page - Analog Devices AD1870 Datasheet HTML 3Page - Analog Devices AD1870 Datasheet HTML 4Page - Analog Devices AD1870 Datasheet HTML 5Page - Analog Devices AD1870 Datasheet HTML 6Page - Analog Devices AD1870 Datasheet HTML 7Page - Analog Devices AD1870 Datasheet HTML 8Page - Analog Devices AD1870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DIGITAL I/O
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.4
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 5 V)
10
µA
Input Leakage (IIL @ VIL = 0 V)
10
µA
Output Voltage HI (VOH @ IOH = –2 mA)
2.4
V
Output Voltage LO (VOL @ IOL = 2 mA)
0.4
V
Input Capacitance
15
pF
DIGITAL TIMING (Guaranteed over –40
°C to +85°C, DV
DD = AVDD = 5 V
± 5%. Refer to Figures 17–19.)
Min
Typ
Max
Unit
tCLKIN
CLKIN Period
48
81
780
ns
fCLKIN
CLKIN Frequency (1/tCLKIN)
1.28
12.288
20.48
MHz
tCPWL
CLKIN LO Pulsewidth
15
ns
tCPWH
CLKIN HI Pulsewidth
15
ns
tRPWL
RESET LO Pulsewidth
50
ns
tBPWL
BCLK LO Pulsewidth
15
ns
tBPWH
BCLK HI Pulsewidth
15
ns
tDLYCKB
CLKIN Rise to BCLK Xmit (Master Mode)
15
ns
tDLYBLR
BCLK Xmit to L
RCK Transition (Master Mode)
15
ns
tDLYBWR
BCLK Xmit to WCLK Rise
10
ns
tDLYBWF
BCLK Xmit to WCLK Fall
10
ns
tDLYDT
BCLK Xmit to DATA/TAG Valid (Master Mode)
10
ns
tSETLRBS
L
RCK Setup to BCLK Sample (Slave Mode)
10
ns
tDLYLRDT
L
RCK Transition to DATA/TAG Valid (Slave Mode)
No MSB Delay Mode (for MSB Only)
40
ns
tSETWBS
WCLK Setup to BCLK Sample (Slave Mode)
Data Position Controlled by WCLK Input Mode
10
ns
tDLYBDT
BCLK Xmit to DATA/TAG Valid (Slave Mode)
All Bits Except MSB in No MSB Delay Mode
All Bits in MSB Delay Mode
40
ns
POWER
Min
Typ
Max
Unit
Supplies
Voltage, Analog and Digital
4.75
5
5.25
V
Analog Current
43
52
mA
Analog Current—Power Down (CLKIN Running)
25
µA
Digital Current
9.3
12
mA
Digital Current—Power Down (CLKIN Running)
50
µA
Dissipation
Operation—Both Supplies
263
315
mW
Operation—Analog Supply
216
260
mW
Operation—Digital Supply
47
55
mW
Power Down—Both Supplies (CLKIN Running)
375
µW
Power Down—Both Supplies (CLKIN Not Running)
375
µW
Power Supply Rejection (See TPC 5)
1 kHz 300 mV p-p Signal at Analog Supply Pins
90
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
68
dB
Stop Band (>0.55
× fS)—any 300 mV p-p Signal
110
dB
AD1870
REV. 0
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com