Electronic Components Datasheet Search
  English  ▼

X  

AD1876 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1876
Description  16-Bit 100 kSPS Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1876 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1876 Datasheet HTML 3Page - Analog Devices AD1876 Datasheet HTML 4Page - Analog Devices AD1876 Datasheet HTML 5Page - Analog Devices AD1876 Datasheet HTML 6Page - Analog Devices AD1876 Datasheet HTML 7Page - Analog Devices AD1876 Datasheet HTML 8Page - Analog Devices AD1876 Datasheet HTML 9Page - Analog Devices AD1876 Datasheet HTML 10Page - Analog Devices AD1876 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD1876
REV. A
–7–
Internal dc error terms such as comparator voltage offset are
sampled, stored on internal capacitors and used to correct for
their corresponding errors when needed. Because these voltages
are stored on capacitors, they are subject to leakage decay and
so require refreshing. For this reason the part is required to be
run continuously—i.e., there is a minimum tS specification. If
the part has been idle for too long (i.e., tS has expired) then a
dummy conversion cycle is required to refresh these correction
voltages.
BUSY is HIGH during a conversion and goes LOW when the
conversion is completed. The twos complement output data is
presented MSB first, with MSB data valid on the rising edge of
the second DOUT CLK pulse. Subsequent data is valid on rising
edges of subsequent DOUT CLK pulses. Table I illustrates the
AD1876 output coding.
Table I. Serial Output Coding Format (Twos Complement)
VIN
Output Code
–Full Scale
100 . . . 00
–Full Scale + 1 LSB
100 . . . 01
Midscale – 1 LSB
111 . . . 11
Midscale
000 . . . 00
Midscale + 1 LSB
000 . . . 01
Full Scale – 1 LSB
011 . . . 10
Full Scale
011 . . . 11
A simple method for generating the required signals for the
AD1876 is to connect one or more AD1876s to an NPC
SM5805 digital filter. This device supplies all signals required to
operate the AD1876 at a 96 kHz sample rate, which is 2
× F
S for
audio applications. This is more fully discussed in the applications
section of this data sheet, accompanied by Figures 9 and 10.
APPLICATIONS
POWER SUPPLIES AND DECOUPLING
The AD1876 has three power supply input pins. VEE and VCC
provide the supply voltages to operate the analog portions of the
AD1876 including the ADC and SHA. VDD provides the supply
voltage which operates the digital portions of the AD1876 in-
cluding the serial output port and the autocalibration controller.
SYSTEM
ANALOG
COMMON
AGND
DGND
SYSTEM
DIGITAL
COMMON
5V
AGND SENSE
VDD
AD1876
13
4
8
5
12
11
10
9
0.1µF
12V
–12V
C1
C1
VREF
VIN
VCC
VEE
Figure 3. Grounding and Decoupling the AD1876
Decoupling capacitors should he used on all power supply pins.
These capacitors should be placed as close as possible to the
package pins as well as the ground connections. The logic sup-
ply (VDD) should be decoupled to digital common (DGND)
with a 0.1
µF ceramic capacitor, and the analog supplies (V
EE
and VCC) should be decoupled to analog common (AGND)
with 4.7
µF and 0.1 µF tantalum capacitors in parallel, repre-
sented by C1. An effort should be made to minimize the trace
length between the capacitor leads and the respective converter
power supply and common pins. The recommended decoupling
scheme is illustrated in Figure 3.
As with most high performance linear circuits, changes in the
power supplies can produce undesired changes in the perfor-
mance of the circuit. Analog Devices recommends that well
regulated power supplies with less than 1% ripple be incorpo-
rated into the design of any system using these devices.
BOARD LAYOUT
Designing with high resolution data converters requires careful
attention to board layout. Trace impedance is a significant issue.
A 1.22 mA current through a 0.5
Ω trace will develop a voltage
drop of 0.6 mV, which is 4 LSBs at the 16 bit level for a 10 V
full-scale span. In addition to ground drops, inductive and ca-
pacitive coupling need to be considered, especially when high
accuracy analog signals share the same board with digital sig-
nals. Finally, power supplies need to be decoupled in order to
filter ac noise.
Analog and digital signals should not share a common return
path. Each signal should have an appropriate analog or digital
return routed close to it. Using this approach, signal loops en-
close a small area, minimizing the inductive coupling of noise.
Wide PC tracks, large gauge wire, and ground planes are highly
recommended to provide low impedance signal paths. Separate
analog and digital ground planes are also desirable, with a single
interconnection point to minimize ground loops. Analog signals
should be routed as far as possible from digital signals and
should cross them, if at all, only at right angles. A solid analog
ground plane around the AD1876 will isolate large switching
ground currents. For these reasons, the use of wire wrap circuit
construction is not recommended; careful printed circuit con-
struction is preferred.
GROUNDING
The AD1876 has three grounding pins, designated ANALOG
GROUND (AGND), DIGITAL GROUND (DGND) and
ANALOG GROUND SENSE (AGND SENSE). The analog
ground pin is the “high quality” ground reference point for the
device. The analog ground pin should be connected to the ana-
log common point in the system.
AGND SENSE is intended to be connected to the input signal
ground reference point. This allows for slight differences in level
between the analog ground point in the system and the input
signal ground point. However, no more than 100 mV is recom-
mended between the analog ground pin and the analog ground
sense pin for specified performance.
The digital ground pin is the reference point for all of the digital
signals that operate the AD1876. This pin should be connected
to the digital common point in the system. As illustrated in Fig-
ure 3, the analog and digital grounds should be connected to-
gether at one point in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com