Electronic Components Datasheet Search
  English  ▼

X  

AD1876 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1876
Description  16-Bit 100 kSPS Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1876 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1876 Datasheet HTML 4Page - Analog Devices AD1876 Datasheet HTML 5Page - Analog Devices AD1876 Datasheet HTML 6Page - Analog Devices AD1876 Datasheet HTML 7Page - Analog Devices AD1876 Datasheet HTML 8Page - Analog Devices AD1876 Datasheet HTML 9Page - Analog Devices AD1876 Datasheet HTML 10Page - Analog Devices AD1876 Datasheet HTML 11Page - Analog Devices AD1876 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD1876
REV. A
–8–
VOLTAGE REFERENCE
The AD1876 requires the use of an external voltage reference.
The input voltage range is determined by the value of the refer-
ence voltage; in general, a reference voltage of n volts produces
an input range of
±n volts. Signal-to-noise performance is in-
creased proportionately with input signal range. The AD1876 is
specified with a 5.0 V reference and an analog input of
±5 V. In
the presence of a fixed amount of system noise, increasing the
LSB size (which results from increasing the reference voltage)
will increase the effective S/(N+D) performance for input values
below the point where input distortion occurs. Figure 11 illus-
trates S/(N+D) as a function of input amplitude and reference
voltage.
During a conversion, the switched capacitor array of the
AD1876 presents a dynamically changing current load at the
voltage reference as the successive-approximation algorithm
cycles through various choices of capacitor weighting. The out-
put impedance of the reference circuitry must be low so that the
output voltage will remain sufficiently constant as the current
drive changes. In most applications, this requires that the output
of the voltage reference be buffered by an amplifier with low im-
pedance at relatively high frequencies. A (10
µF or larger) ca-
pacitor connected between VREF and AGND will reduce the
demands on the reference by decreasing the magnitude of high
frequency components.
The following two sections represent typical design approaches.
VOLTAGE REFERENCE—AUDIO APPLICATIONS
Audio applications require optimal ac performance over a rela-
tively narrow temperature range, with low cost being important.
Figure 4 shows one such approach towards attaining these goals.
A voltage reference, consisting of a Zener diode, capacitor, resis-
tor and op amp with typical component values, is shown. This
simple circuit has the advantage of low cost, but the reference
voltage value is sensitive to changes in the +12 V supply. Addi-
tionally, changes in the Zener value due to temperature varia-
tions will also be reflected in the reference voltage. ROPTION may
be required for other component selections if the Zener requires
more current than the op amp can supply.
1k
Ω
AD589
0.1
µF
+
R
OPTION
3k
Ω
1k
Ω
AD1876
11
REF
AD711
V
Figure 4. Low Cost Voltage Reference Circuit
VOLTAGE REFERENCE—PRECISION MEASUREMENT
APPLICATIONS
In applications other than audio, parameters such as low drift
over temperature and static accuracy are important. Figure 5
shows a voltage reference circuit featuring the 5 V AD586. The
AD586 is a low cost reference which utilizes a buried Zener ar-
chitecture to provide low noise and drift. Over the 0
°C to
+70
°C range, the AD586L grade exhibits less than a 2.25 mV
output change from its initial value at +25
°C. A noise-reduction
capacitor, CN, reduces the broadband noise of the AD586 out-
put, thereby optimizing the overall performance of the AD1876.
AD1876
11
REF
8
+12V
AGND
47
µF
1
µF
N
C
8
AD586
4
6
2
AGND
+
V
Figure 5.
For higher performance needs, the AD588 reference provides
improved drift, low noise, and excellent initial accuracy. The
AD588 uses a proprietary ion-implanted buried Zener diode in
conjunction with laser-trimmed thin-film resistors for low offset
and gain. The AD588 output is accurate to 0.65 mV from its
value at +25
°C over the 0°C to +70°C range. The circuit shown
in Figure 6 includes a noise-reduction network on Pins 4, 6 and
7. The 1
µF capacitors form low-pass filters with the internal re-
sistance of the AD588 and external 3.9 k
Ω resistor. This re-
duces the wide-band (to 1 MHz) noise of the AD588, providing
optimum performance of the AD1876.
AD1876
AGND
47µF
AD588
AGND
NOISE
REDUCTION
3.9k
Ω
1µF
0.1µF
0.1µF
–12V
1µF
+12V
NC
VREF
NC
NC
2
16
5813
12
11
10
9
1
3
4
6
7
11
8
Figure 6.
ANALOG INPUT
As previously discussed, the analog input voltage range for the
AD1876 is
±V
REF. For purposes of ground drop and common-
mode rejection, the VIN and VREF inputs each have their own
ground. VREF is referred to the local analog system ground
(AGND), and VIN is referred to the analog ground sense pin
(AGND SENSE) which allows a remote ground sense for the
input signal. If AGND SENSE is not used, it should be con-
nected to the AGND pin at the package. The AGND SENSE
pin is intended to be tied to potentials within 100 mV of AGND
to maintain specified performance.
The AD1876 analog inputs (VIN, VREF and AGND SENSE)
exhibit dynamic characteristics. When a conversion cycle begins,
each analog input is connected to an internal, discharged 50 pF
capacitor which then charges to the voltage present at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com