Electronic Components Datasheet Search
  English  ▼

X  

AD1876 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1876
Description  16-Bit 100 kSPS Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1876 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1876 Datasheet HTML 4Page - Analog Devices AD1876 Datasheet HTML 5Page - Analog Devices AD1876 Datasheet HTML 6Page - Analog Devices AD1876 Datasheet HTML 7Page - Analog Devices AD1876 Datasheet HTML 8Page - Analog Devices AD1876 Datasheet HTML 9Page - Analog Devices AD1876 Datasheet HTML 10Page - Analog Devices AD1876 Datasheet HTML 11Page - Analog Devices AD1876 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Typical Dynamic Performance–AD1876
REV. A
–11–
INPUT AMPLITUDE, REFERRED TO FULL-SCALE – dB
90
80
70
60
50
40
30
20
10
–80
–70
–60
–50
–40
–30
–20
–10
0
0
VREF = 7V
VREF = 5V
VREF = 10V
Figure 11. S/(N+D) vs. VREF vs. Input Amplitude
Figure 13. 4096 Point FFT at 96 kSPS, fIN = 1.06 kHz
90
80
70
60
50
40
30
20
0
100
1k
10k
100k
1M
INPUT FREQUENCY – Hz
–0dB INPUT
–20dB INPUT
–60dB INPUT
Figure 12. S/(N+D) vs. Input Frequency and Amplitude
Figure 14. IMD Plot for fIN = 1008 Hz (fa), 1055 Hz (fb) at
96 kSPS
90
80
70
60
50
RIPPLE FREQUENCY – Hz
0
100
1k
10k
100k
1M
30
20
40
+5V
+12V
–12V
Figure 15. Power Supply Rejection (fIN = 1.06 kHz,
fSAMPLE = 96 kSPS, VRIPPLE = 0.3 V p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com