Electronic Components Datasheet Search
  English  ▼

X  

AD5122 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5122
Description  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 5 Page - Analog Devices

  AD5122 Datasheet HTML 1Page - Analog Devices AD5122 Datasheet HTML 2Page - Analog Devices AD5122 Datasheet HTML 3Page - Analog Devices AD5122 Datasheet HTML 4Page - Analog Devices AD5122 Datasheet HTML 5Page - Analog Devices AD5122 Datasheet HTML 6Page - Analog Devices AD5122 Datasheet HTML 7Page - Analog Devices AD5122 Datasheet HTML 8Page - Analog Devices AD5122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD5122/AD5142
Rev. 0 | Page 5 of 32
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS9
Bandwidth
BW
−3 dB
R
AB = 10 kΩ
3
MHz
R
AB = 100 kΩ
0.43
MHz
Total Harmonic Distortion
THD
V
DD/VSS = ±2.5 V, VA = 1 V rms,
V
B = 0 V, f = 1 kHz
R
AB = 10 kΩ
−80
dB
R
AB = 100 kΩ
−90
dB
Resistor Noise Density
e
N_WB
Code = half scale, T
A = 25°C,
f = 10 kHz
R
AB = 10 kΩ
7
nV/√Hz
R
AB = 100 kΩ
20
nV/√Hz
V
W Settling Time
t
S
V
A = 5 V, VB = 0 V, from
zero scale to full scale,
±0.5 LSB error band
R
AB = 10 kΩ
2
µs
R
AB = 100 kΩ
12
µs
Crosstalk (C
W1/CW2)
C
T
R
AB = 10 kΩ
10
nV-sec
R
AB = 100 kΩ
25
nV-sec
Analog Crosstalk
C
TA
−90
dB
Endurance10
T
A = 25°C
1
Mcycles
100
kcycles
Data Retention11
50
Years
1 Typical values represent average readings at 25°C, V
DD = 5 V, VSS = 0 V, and VLOGIC = 5 V.
2 Resistor integral nonlinearity (R-INL) error is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. The maximum wiper current is limited to (0.7 × VDD)/RAB.
3 Guaranteed by design and characterization, not subject to production test.
4 INL and DNL are measured at V
WB with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other. Dual-supply operation enables ground
referenced bipolar signal adjustment.
6 Different from operating current; supply current for EEPROM program lasts approximately 30 ms.
7 Different from operating current; supply current for EEPROM read lasts approximately 20 µs.
8 P
DISS is calculated from (IDD × VDD) + (ILOGIC × VLOGIC).
9 All dynamic characteristics use V
DD/VSS = ±2.5 V, and VLOGIC = 2.5 V.
10 Endurance is qualified to 100,000 cycles per JEDEC Standard 22, Method A117 and measured at −40°C to +125°C.
11 Retention lifetime equivalent at junction temperature (TJ) = 125°C per JEDEC Standard 22, Method A117. Retention lifetime, based on an activation energy of 1 eV,
derates with junction temperature in the Flash/EE memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com