Electronic Components Datasheet Search
  English  ▼

X  

AD5122 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5122
Description  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5122 Datasheet HTML 24Page - Analog Devices AD5122 Datasheet HTML 25Page - Analog Devices AD5122 Datasheet HTML 26Page - Analog Devices AD5122 Datasheet HTML 27Page - Analog Devices AD5122 Datasheet HTML 28Page - Analog Devices AD5122 Datasheet HTML 29Page - Analog Devices AD5122 Datasheet HTML 30Page - Analog Devices AD5122 Datasheet HTML 31Page - Analog Devices AD5122 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD5122/AD5142
Data Sheet
Rev. 0 | Page 30 of 32
ORDERING GUIDE
Model1, 2
R
AB (kΩ)
Resolution
Interface
Temperature Range
Package Description
Package
Option
Branding
AD5122BCPZ10-RL7
10
128
SPI
−40°C to +125°C
16-Lead LFCSP_WQ
CP-16-22
DH8
AD5122BCPZ100-RL7
100
128
SPI
−40°C to +125°C
16-Lead LFCSP_WQ
CP-16-22
DH9
AD5122BRUZ10
10
128
SPI
−40°C to +125°C
16-Lead TSSOP
RU-16
AD5122BRUZ100
100
128
SPI
−40°C to +125°C
16-Lead TSSOP
RU-16
AD5122BRUZ10-RL7
10
128
SPI
−40°C to +125°C
16-Lead TSSOP
RU-16
AD5122BRUZ100-RL7
100
128
SPI
−40°C to +125°C
16-Lead TSSOP
RU-16
AD5142BCPZ10-RL7
10
256
SPI
−40°C to +125°C
16-Lead LFCSP_WQ
CP-16-22
DH5
AD5142BCPZ100-RL7
100
256
SPI
−40°C to +125°C
16-Lead LFCSP_WQ
CP-16-22
DH6
AD5142BRUZ10
10
256
SPI
−40°C to +125°C
16-Lead TSSOP
RU-16
AD5142BRUZ100
100
256
SPI
−40°C to +125°C
16-Lead TSSOP
RU-16
AD5142BRUZ10-RL7
10
256
SPI
−40°C to +125°C
16-Lead TSSOP
RU-16
AD5142BRUZ100-RL7
100
256
SPI
−40°C to +125°C
16-Lead TSSOP
RU-16
EVAL-AD5142DBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 The evaluation board is shipped with the 10 kΩ R
AB resistor option; however, the board is compatible with all of the available resistor value options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com