Electronic Components Datasheet Search
  English  ▼

X  

AD5122 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5122
Description  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5122 Datasheet HTML 6Page - Analog Devices AD5122 Datasheet HTML 7Page - Analog Devices AD5122 Datasheet HTML 8Page - Analog Devices AD5122 Datasheet HTML 9Page - Analog Devices AD5122 Datasheet HTML 10Page - Analog Devices AD5122 Datasheet HTML 11Page - Analog Devices AD5122 Datasheet HTML 12Page - Analog Devices AD5122 Datasheet HTML 13Page - Analog Devices AD5122 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5122/AD5142
Data Sheet
Rev. 0 | Page 10 of 32
SHIFT REGISTER AND TIMING DIAGRAMS
DATA BITS
DB8
DB15 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS BITS
A0
A1
A2
C2
C1
C0
A3
C3
CONTROL BITS
DB7
Figure 2. Input Shift Register Contents
C3
t4
t2
t3
t5
t6
C2
C1
C0
D7
D6
D5
D2
D1
D0
SDI
*PREVIOUS COMMAND RECEIVED.
SCLK
SYNC
C3*
SDO
C2*
C1*
C0*
D7*
D6*
D5*
D2*
D1*
D0*
t8
t9
t10
t7
t1
Figure 3. SPI Serial Interface Timing Diagram, CPOL = 0, CPHA = 1
C3
t4
t2
t3
t5
t6
C2
C1
C0
D7
D6
D5
D2
D1
D0
SDI
*PREVIOUS COMMAND RECEIVED.
SCLK
SYNC
C3*
SDO
C2*
C1*
C0*
D7*
D6*
D5*
D2*
D1*
D0*
t8
t9
t10
t7
t1
Figure 4. SPI Serial Interface Timing Diagram, CPOL = 1, CPHA = 0
SCLK
SYNC
RESET
t1
Figure 5. Control Pins Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com