Electronic Components Datasheet Search
  English  ▼

X  

AD5122 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5122
Description  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5122 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5122 Datasheet HTML 10Page - Analog Devices AD5122 Datasheet HTML 11Page - Analog Devices AD5122 Datasheet HTML 12Page - Analog Devices AD5122 Datasheet HTML 13Page - Analog Devices AD5122 Datasheet HTML 14Page - Analog Devices AD5122 Datasheet HTML 15Page - Analog Devices AD5122 Datasheet HTML 16Page - Analog Devices AD5122 Datasheet HTML 17Page - Analog Devices AD5122 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD5122/AD5142
Data Sheet
Rev. 0 | Page 14 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
100
200
CODE (Decimal)
10k
Ω, +125°C
10k
Ω, +25°C
10k
Ω, –40°C
100k
Ω, +125°C
100k
Ω, +25°C
100k
Ω, –40°C
Figure 8. R-INL vs. Code (AD5142)
CODE (Decimal)
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
50
100
10k
Ω, +125°C
10k
Ω, +25°C
10k
Ω, –40°C
100k
Ω, +125°C
100k
Ω, +25°C
100k
Ω, –40°C
Figure 9. R-INL vs. Code (AD5122)
0
100
200
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
CODE (Decimal)
10k
Ω, –40°C
10k
Ω, +25°C
10k
Ω, +125°C
100k
Ω, –40°C
100k
Ω, +25°C
100k
Ω, +125°C
Figure 10. INL vs. Code (AD5142)
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0
100
200
CODE (Decimal)
10k
Ω, +125°C
10k
Ω, +25°C
10k
Ω, –40°C
100k
Ω, +125°C
100k
Ω, +25°C
100k
Ω, –40°C
Figure 11. R-DNL vs. Code (AD5142)
CODE (Decimal)
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0
50
100
10k
Ω, +125°C
10k
Ω, +25°C
10k
Ω, –40°C
100k
Ω, +125°C
100k
Ω, +25°C
100k
Ω, –40°C
Figure 12. R-DNL vs. Code (AD5122)
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
CODE (Decimal)
10k
Ω, –40°C
10k
Ω, +25°C
10k
Ω, +125°C
100k
Ω, –40°C
100k
Ω, +25°C
100k
Ω, +125°C
0
100
200
Figure 13. DNL vs. Code (AD5142)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com