Electronic Components Datasheet Search
  English  ▼

X  

AD7176-2 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7176-2
Description  The AD7176-2 is a fast settling, highly accurate, high resolution, multiplexed 誇-? analog-to-digital converter (ADC) for low band-width input signals.
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7176-2 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7176-2 Datasheet HTML 35Page - Analog Devices AD7176-2 Datasheet HTML 36Page - Analog Devices AD7176-2 Datasheet HTML 37Page - Analog Devices AD7176-2 Datasheet HTML 38Page - Analog Devices AD7176-2 Datasheet HTML 39Page - Analog Devices AD7176-2 Datasheet HTML 40Page - Analog Devices AD7176-2 Datasheet HTML 41Page - Analog Devices AD7176-2 Datasheet HTML 42Page - Analog Devices AD7176-2 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
Data Sheet
AD7176-2
Rev. 0 | Page 39 of 68
CRC CALCULATION
Polynomial
The checksum, which is 8-bits wide, is generated using the polynomial
x8 + x2 + x + 1
To generate the checksum, the data is left shifted by eight bits to create a number ending in eight Logic 0s. The polynomial is aligned so that
its MSB is adjacent to the leftmost Logic 1 of the data. An XOR (exclusive OR) function is applied to the data to produce a new, shorter
number. The polynomial is again aligned so that its MSB is adjacent to the leftmost Logic 1 of the new result, and the procedure is repeated. This
process is repeated until the original data is reduced to a value less than the polynomial. This is the 8-bit checksum.
Example of a Polynomial CRC Calculation—24-Bit Word: 0x654321 (Eight Command Bits and 16-Bit Data)
An example of generating the 8-bit checksum using the polynomial based checksum is as follows:
Initial value
011001010100001100100001
01100101010000110010000100000000
left shifted eight bits
x8 + x2 + x + 1
=
100000111
polynomial
100100100000110010000100000000
XOR result
100000111
polynomial
100011000110010000100000000
XOR result
100000111
polynomial
11111110010000100000000
XOR result
100000111
polynomial value
1111101110000100000000
XOR result
100000111
polynomial value
111100000000100000000
XOR result
100000111
polynomial value
11100111000100000000
XOR result
100000111
polynomial value
1100100100100000000
XOR result
100000111
polynomial value
100101010100000000
XOR result
100000111
polynomial value
101101100000000
XOR result
100000111
polynomial value
1101011000000
XOR result
100000111
polynomial value
101010110000
XOR result
100000111
polynomial value
1010001000
XOR result
100000111
polynomial value
10000110
checksum = 0x86.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com